Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD176P4 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD176P4
Description  13-17 GHz 4-Bit Digital Phase Shifter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD176P4 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD176P4 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD176P4 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD176P4 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD176P4 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD176P4 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD176P4 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD176P4 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD176P4 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD176P4 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD176P4
13-17 GHz 4-Bit Digital Phase Shifter
Specifications
Absolute Maximum Ratings
Recommended Operating Conditions
Truth Table
Parameter
Rating
Control Voltage, Vctl
8.0 V
RF Input Power
+30 dBm
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 150 °C
Parameter
Min
Typ Max
Units
Vctl
3.0
5.0
V
Iee
0
4
6
mA
Electrical performance is measured at
specific test conditions. Electrical
specifications are not guaranteed over all
recommended operating conditions.
Control Voltage Input
Phase Shift
(degrees)
22.5
45
90
180
Low
Low
Low
Low
Reference
High
Low
Low
Low
22.5
Low
High
Low
Low
45
Low
Low
High
Low
90
Low
Low
Low
High
180
High
High
High
High
337.5
State
Bias Condition
High
Vctl ± 0.3 V
Low
0 ± 0.3 V
Control Voltage
Exceeding any one or combination of the maximum ratings
may cause permanent damage to the device.
ver 1.5 0719



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com