Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05200085 Datasheet(PDF) 2 Page - Testo SE & Co. KGaA

Part # 05200085
Description  Absolute pressure measuring instrument
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05200085 Datasheet(HTML) 2 Page - Testo SE & Co. KGaA

  05200085 Datasheet HTML 1Page - Testo SE & Co. KGaA 05200085 Datasheet HTML 2Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
testo 511
Technical data / Accessories
testo 511
testo 511 handy measuring instrument for
absolutepressure incl. protection cap, batteries,
belt holder and calibration protocol
Part no. 0560 0511
General technical data
Storage temperature
-40 to +70 °C
Measurement rate
0.5 s
Selectable units
hPa, mbar, Pa, mmH2O, mmHg, inH2O,
inHg, psi, m, ft
Operating temperature
0 to +50 °C
Battery type
2 AAA micro batteries
Battery life
200 h (average, without display illumination)
Protection class
IP40
Weight
90 g (with batteries and protective cap)
Dimensions
119 x 46 x 25 mm (incl. protective cap)
Warranty
2 years
www.testo.com
Sensor type
Absolute pressure probe
Measuring range
Accuracy
±1 digit
Resolution
300 to 1200 hPa
±3.0 hPa
0.1 hPa
We measure it.
Accessories
Part no.
Accessories for measuring instrument
0554 0448
Connection hose, silicone, 2 m long, max. load 700 hPa (mbar)
0516 4007
Belt holder
0520 0085
0520 0025
ISO calibration certificate relative pressure, 3 measurement points distributed over the measurement range
ISO calibration certificate pressure, differential pressure, accuracy 0.1 to 0.6 (% of fsv)
testo-511-P02
17.10.2013
08:16
Seite 2
Testo Inc.
40 White Lake Rd.
Sparta, NJ 07871
800-227-0729
Email: info@testo.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com