Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TESTO885 Datasheet(PDF) 4 Page - Testo SE & Co. KGaA

Part # TESTO885
Description  Thermal imager
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

TESTO885 Datasheet(HTML) 4 Page - Testo SE & Co. KGaA

  TESTO885 Datasheet HTML 1Page - Testo SE & Co. KGaA TESTO885 Datasheet HTML 2Page - Testo SE & Co. KGaA TESTO885 Datasheet HTML 3Page - Testo SE & Co. KGaA TESTO885 Datasheet HTML 4Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
testo 885
www.testo.com
Overview of variants
4
included in delivery
(4) optional
*
inside the EU, outside 9 Hz
**
excepting USA, China and Japan
*** Wireless humidity probes only in the EU, Norway,
Switzerland, USA, Canada, Colombia, Turkey,
Brazil, Chile, Mexico, New Zealand, Indonesia
**** Bluetooth only in the EU, Norway, Switzerland,
USA, Canada, Colombia, Turkey, Japan, Russia,
Ukraine, India, Australia
***** depending on the selected set
Features
testo 885
testo 885 Set
Infrared resolution
320 x 240 pixels
Thermal sensitivity (NETD)
< 30 mK
Measuring range
-30 to +650 °C
Image refresh rate
33 Hz*
SuperResolution
4
4
25° x 19° Lens
(4)
(4)
Telephoto lens 11° x 9° *****
(4)
4
Super-telephoto lens 5° x 3.7° *****
(4)
4
Auto focus
4
4
High temperature measurement up to 1,200 °C
(4)
(4)
Panorama image assistant
4
4
SiteRecognition
(measurement site recognition with image management)
4
4
Laser marker**
4
4
Display of surface moisture distribution (by manual input)
4
4
Humidity measurement with wireless humidity probe***
(automatic measurement value transfer in real time)
(4)
(4)
HDMI interface
4
4
FeverDetection
(4)
(4)
Process analysis package: image sequence capturing in
instrument and fully radiometric video measurement
(4)
(4)
Voice recording using the headset****
4
4
Solar mode
4
4
Lens protection glass
(4)
4
Additional battery
(4)
4
Fast battery charger
(4)
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com