Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5127 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT83C5127
Description  MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5127 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT83C5127 Datasheet HTML 1Page - ATMEL Corporation AT83C5127 Datasheet HTML 2Page - ATMEL Corporation AT83C5127 Datasheet HTML 3Page - ATMEL Corporation AT83C5127 Datasheet HTML 4Page - ATMEL Corporation AT83C5127 Datasheet HTML 5Page - ATMEL Corporation AT83C5127 Datasheet HTML 6Page - ATMEL Corporation AT83C5127 Datasheet HTML 7Page - ATMEL Corporation AT83C5127 Datasheet HTML 8Page - ATMEL Corporation AT83C5127 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
AT83C5127
7519A–SCR–04/05
Product description
AT83C5127 product is high-performance CMOS derivatives of the 80C51 8-bit micro-
controllers designed for USB smart card reader applications.
The AT83C5127 is a low pin count of the AT8xC5122 and is proposed in ROM version.
The ROM device is only factory programmable.
Block Diagram
DC/DC
Converter
UART
Interface
16-BIT
TIMERS
Interrupt
Controller
Alternate
Card
3.3V
Regulator
WATCH-DOG
POR
PFD
RESET
RST
PLL
PLLF
XTAL1
XTAL2
8MHz
Oscillator
256 x 8
RAM
512 x 8
XRAM
256 x 8
RAM
INTERNALADDRESSANDDATABUS
16K x 8
ROM
ParallelI/OPorts
8-BIT
PORT
USB
Interface
CCLK
CRST
CPRES
CC8
CC4
CIO
3.3V
Regulator
1-BIT
PORT
LED's
3-BIT
PORT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com