Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC6162JE1B-T Datasheet(PDF) 21 Page - Microchip Technology

Part # DSC6162JE1B-T
Description  Ultra-Small, Ultra-Low Power MEMS Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC6162JE1B-T Datasheet(HTML) 21 Page - Microchip Technology

Back Button DSC6162JE1B-T Datasheet HTML 16Page - Microchip Technology DSC6162JE1B-T Datasheet HTML 17Page - Microchip Technology DSC6162JE1B-T Datasheet HTML 18Page - Microchip Technology DSC6162JE1B-T Datasheet HTML 19Page - Microchip Technology DSC6162JE1B-T Datasheet HTML 20Page - Microchip Technology DSC6162JE1B-T Datasheet HTML 21Page - Microchip Technology DSC6162JE1B-T Datasheet HTML 22Page - Microchip Technology DSC6162JE1B-T Datasheet HTML 23Page - Microchip Technology DSC6162JE1B-T Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2019 Microchip Technology Inc.
DS20006155A-page 21
DSC61XXB
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Note 1: Please visit Microchip ClockWorks® Configurator Website to configure the part number for customized fre-
quency. http://clockworks.microchip.com/timing/.
PART NO.
X
Package
Device
Device:
DSC61:
Ultra-Small, Ultra-Low Power MEMS
Oscillator
Pin Definition:
Selection
Pin 1
Internal Pull-Up Register
0
OE
Pull-up
1STDBY
Pull-up
2
FS
Pull-up
4
OE
None
5STDBY
None
6
FS
None
Output Drive
Strength:
1
2
Standard
High
Packages:
J
=
4-Lead 2.5 mm x 2.0 mm VLGA
M
=
4-Lead 2.0 mm x 1.6 mm VFLGA
H
=
4-Lead 1.6 mm x 1.2 mm VFLGA
Temperature
Range:
A=
–40
C to +125C (Automotive)
L=
–40
C to +105C (Extended Industrial)
I
=
–40
C to +85C (Industrial)
E=
–20
C to +70C (Extended Commercial)
Frequency
Stability:
1
=
± 50 ppm
2
=
± 25 ppm
3
=
± 20 ppm
Revision:
B
=
Revision B
Frequency:
xxx.xxxx = User-Defined Frequency between
001.0000 MHz and 100.0000 MHz
xxxkxxx = User-Defined Frequency between 003.500 kHz
and 999.999 kHz
xxxx =
Frequency configuration code when pin 1 = FS.
Configure the part online through ClockWorks
Media Type:
<blank>=
140/Tube (J Package Option)
<blank>=
100/Bag (M & H Package Option)
T
=
1,000/Reel
B
=
3,000/Reel
X
Pin 1
Definition
Note 1:
Media Type identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for package
availability with different media options.
X
Output
Drive
Strength
X
Temperature
Range
X
Frequency
Stability
X
Revision
XXX.XXXX
Frequency
X
Media
Type
–
Examples:
a) DSC6112JI2B-100.0000:
Ultra-Small, Ultra-Low Power MEMS Oscillator,
Pin 1 = STDBY with Internal Pull-Up, High Drive
Strength, 4-Lead 2.5 mm x 2.0 mm VLGA, Industrial
Temperature, ±25 ppm Stability, Revision B,
100 MHz Frequency, 140/Tube
b) DSC6101HE1B-016.0000T:
Ultra-Small, Ultra-Low Power MEMS Oscillator,
Pin 1 = OE with Internal Pull-Up, Standard Drive
Strength, 4-Lead 1.6 mm x 1.2 mm VFLGA, Extended
Commercial Temperature, ±50 ppm Stability,
Revision B, 16 MHz Frequency, 1,000/Reel
c) DSC6121MI2B-005QB:
Ultra-Small, Ultra-Low Power MEMS Oscillator,
Pin 1 = Freq. Select with Internal Pull-Up, Standard
Drive Strength, 4-Lead 2.0 mm x 1.6 mm VFLGA,
Industrial Temperature, ±25 ppm Stability, Revision B,
Two Frequencies Configured through ClockWorks,
3,000/Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com