Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NF2020C-RQ Datasheet(PDF) 1 Page - Soshin electric Co., Ltd.

Part # NF2020C-RQ
Description  Single-phase 2-line 500VAC Available 10-250A, Single-phase General-purpose
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOSHIN [Soshin electric Co., Ltd.]
Direct Link  http://www.soshin-ele.com/
Logo SOSHIN - Soshin electric Co., Ltd.

NF2020C-RQ Datasheet(HTML) 1 Page - Soshin electric Co., Ltd.

  NF2020C-RQ Datasheet HTML 1Page - Soshin electric Co., Ltd. NF2020C-RQ Datasheet HTML 2Page - Soshin electric Co., Ltd. NF2020C-RQ Datasheet HTML 3Page - Soshin electric Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NF2000C-RQ Series
(
(
(
(
RoHS Compliant)
Single-phase 2-line 500VAC
Available 10-250A, Single-phase General-purpose
Applications
UPS, General-purpose Inverter power supply
Specifications
A
B
C
D
E
F
G
H
J
K
L
M
N
P
NF2010C-RQ
10A
0.5Kg
154 140 125 110 95
70
16
50
20
dia.4.5
M4
M4
NF2020C-RQ
20A
0.6Kg
154 140 125 110 95
70
16
50
20
dia.4.5
M4
M4
NF2030C-RQ
30A
0.6Kg
154 140 125 110 95
70
16
50
20
dia.4.5
M4
M4
NF2040C-RQ
40A
1.3Kg
180 160 145 130 110 80
22
70
25
dia.5.5
M5
M4
NF2050C-RQ
50A
1.5Kg
180 160 145 130 110 80
22
70
25
dia.5.5
M6
M4
NF2060C-RQ
60A
1.5Kg
180 160 145 130 110 80
22
70
25
dia.5.5
M6
M4
NF2080C-RQ
80A
4.5Kg
205 180 165 150 120 90 28.5 90
20
63
R2.75 L7 dia.5.5 M8 M6
NF2100C-RQ
100A
7.5Kg
205 180 165 150 120 90 28.5 90
20
63
R2.75 L7 dia.5.5 M8 M6
NF2150C-RQ
150A
16Kg
255 230 215 200 170 140 28.5 130 20
103
R3.25 L8 dia.6.5 M8 M6
NF2200C-RQ
200A
18Kg
420 400 310 100 170 210
7
155 115
M10
M8
NF2250C-RQ
250A
20Kg
420 400 310 100 170 210
7
155 115
M10
M8
Rated Voltage
500VAC
Leakage Current
3.0mA
fig.1
(
(
(
(
10-60A)
fig1
R2.75
L7
fig2
fig3
Part No.
Rated
Current
Weight
Dimensions [mm]
R2.25
L6


Similar Part No. - NF2020C-RQ

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
NF2020A-RQ SOSHIN-NF2020A-RQ Datasheet
141Kb / 3P
Single-phase 2-line 250VAC
NF2020A-SUM SOSHIN-NF2020A-SUM Datasheet
191Kb / 3P
Single-phase 2-line 250VAC
NF2020A-UP SOSHIN-NF2020A-UP Datasheet
61Kb / 2P
Single-phase 2-line General-purpose, Plastic housing
More results

Similar Description - NF2020C-RQ

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
HF2000A-UP SOSHIN-HF2000A-UP Datasheet
192Kb / 5P
Single-phase 2-line 250VAC
HF3000C-SZA SOSHIN-HF3000C-SZA Datasheet
283Kb / 5P
3-phase 3-line 500VAC
HF3000C-XZ SOSHIN-HF3000C-XZ Datasheet
194Kb / 4P
3-phase 3-line 500VAC
NF2000A-RQ SOSHIN-NF2000A-RQ Datasheet
141Kb / 3P
Single-phase 2-line 250VAC
NF2000A-SUM SOSHIN-NF2000A-SUM Datasheet
191Kb / 3P
Single-phase 2-line 250VAC
NF2000A-UP SOSHIN-NF2000A-UP Datasheet
61Kb / 2P
Single-phase 2-line General-purpose, Plastic housing
NF3000C-RQ2 SOSHIN-NF3000C-RQ2 Datasheet
130Kb / 3P
3-phase 3-line 500VAC Available 10-300A, For general purpose
NF3000C-YXZ SOSHIN-NF3000C-YXZ Datasheet
686Kb / 5P
3-phase 3-line 500VAC
SF2000A-AS SOSHIN-SF2000A-AS Datasheet
99Kb / 2P
Single-phase 2-line 250VAC
SF2000C-JQ SOSHIN-SF2000C-JQ Datasheet
161Kb / 3P
Single-phase 2-line 500VAC Wide range high attenuation Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com