Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1101 Datasheet(PDF) 21 Page - Microchip Technology

Part # DSC1101
Description  Low-Jitter Precision CMOS Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1101 Datasheet(HTML) 21 Page - Microchip Technology

Back Button DSC1101 Datasheet HTML 17Page - Microchip Technology DSC1101 Datasheet HTML 18Page - Microchip Technology DSC1101 Datasheet HTML 19Page - Microchip Technology DSC1101 Datasheet HTML 20Page - Microchip Technology DSC1101 Datasheet HTML 21Page - Microchip Technology DSC1101 Datasheet HTML 22Page - Microchip Technology DSC1101 Datasheet HTML 23Page - Microchip Technology DSC1101 Datasheet HTML 24Page - Microchip Technology DSC1101 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
 2017 Microchip Technology Inc.
DS20005613B-page 21
DSC1101/21
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
e
L
E
N
2.54
1.70
1.00
1.35
0.80
0.00
1.40
1.10
1.80
0.85
0.02
5.00 BSC
MILLIMETERS
MIN
NOM
6
1.90
1.20
1.45
0.90
0.05
MAX
K0.20 REF
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Terminal-to-Exposed-Pad
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Overall Length
Exposed Pad Length
D
D2
2.70
7.00 BSC
2.80
2.90
Microchip Technology Drawing C04-1010A Sheet 2 of 2
6-Lead Very Thin Plastic Quad Flat, No Lead Package (H8A) - 7x5 mm Body [VDFN]
With 2.8x1.8 mm Exposed Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com