Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NF3060C-RQ2 Datasheet(PDF) 1 Page - Soshin electric Co., Ltd.

Part # NF3060C-RQ2
Description  3-phase 3-line 500VAC Available 10-300A, For general purpose
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOSHIN [Soshin electric Co., Ltd.]
Direct Link  http://www.soshin-ele.com/
Logo SOSHIN - Soshin electric Co., Ltd.

NF3060C-RQ2 Datasheet(HTML) 1 Page - Soshin electric Co., Ltd.

  NF3060C-RQ2 Datasheet HTML 1Page - Soshin electric Co., Ltd. NF3060C-RQ2 Datasheet HTML 2Page - Soshin electric Co., Ltd. NF3060C-RQ2 Datasheet HTML 3Page - Soshin electric Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NF3000C-RQ2 Series
(
(
(
(
RoHS Compliant
)
)
)
)
3-phase 3-line 500VAC
Available 10-300A, For general purpose
UL1283 (file No.E102708)
EN60939-2 (file No.R50031313)
Applications
UPS, General purpose inverter power supply
Specifications
A
B
C
D
E
F
G
H
J
K
L
M
N
P
NF3010C-RQ2
10A
1.5Kg
160 150 135 120 120 90
32
85
65
20
dia.5.5 M4 M4
NF3020C-RQ2
20A
1.5Kg
160 150 135 120 120 90
32
85
65
20
dia.5.5 M4 M4
NF3030C-RQ2
30A
1.5Kg
160 150 135 120 120 90
32
85
65
20
dia.5.5 M4 M4
NF3040C-RQ2
40A
2Kg
167 150 135 120 120 90
44
85
65
20
dia.5.5 M5 M4
NF3050C-RQ2
50A
2Kg
167 150 135 120 120 90
44
85
65
20
dia.5.5 M6 M4
NF3060C-RQ2
60A
3Kg
197 180 165 150 120 90
44
85
65
20
dia.5.5 M6 M4
NF3080C-RQ2
80A
3.6Kg
217 200 185 170 120 90
44 115 85
20
dia.5.5 M6 M4
NF3100C-RQ2
100A
4.6Kg
254 230 215 200 150 120 57 115 80
30
dia.6.5 M8 M6
NF3150C-RQ2
150A
9Kg
314 300 280 260 200 170 57 130 90
35
dia.6.5 M8 M6
NF3200C-RQ2
200A
16Kg
450 430 338 100 190 230
7
180 133 M10
M8
NF3250C-RQ2
250A
16Kg
450 430 338 100 190 230
7
180 133 M10
M8
NF3300C-RQ2
300A
23Kg
500 475 400
160 200 12 180 133 M10
M8
Rated Voltage
Leakage Current
fig. 1 (10-150A)
Part No.
Rated
Current
Weight
Dimensions [mm]
500VAC
3.0mA
R2.75
L7
fig1
R3.25
L8
fig2


Similar Part No. - NF3060C-RQ2

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
NF3060C-SVA SOSHIN-NF3060C-SVA Datasheet
286Kb / 4P
3-phase 3-line 500VAC The smallest footprint in the class
NF3060C-SVB SOSHIN-NF3060C-SVB Datasheet
307Kb / 4P
3-phase 3-line 500VAC High attenuation
NF3060C-SVF SOSHIN-NF3060C-SVF Datasheet
214Kb / 4P
3-phase 3-line 500VAC Wide band & High attenuation
NF3060C-SVL SOSHIN-NF3060C-SVL Datasheet
625Kb / 4P
3-phase 3-line 500VAC
NF3060C-SWA SOSHIN-NF3060C-SWA Datasheet
258Kb / 4P
3-phase 3-line 500VAC With Y-cap. On/Off switch
More results

Similar Description - NF3060C-RQ2

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
CC3000C-AZ SOSHIN-CC3000C-AZ Datasheet
127Kb / 3P
3-phase 3-line 500VAC Available 5-150A For output line only
HF3000C-SJB SOSHIN-HF3000C-SJB Datasheet
331Kb / 4P
3-phase 3-line 500VAC
HF3000C-SZA SOSHIN-HF3000C-SZA Datasheet
283Kb / 5P
3-phase 3-line 500VAC
HF3000C-SZB SOSHIN-HF3000C-SZB Datasheet
201Kb / 4P
3-phase 3-line 500VAC
HF3000C-SZC SOSHIN-HF3000C-SZC Datasheet
278Kb / 5P
3-phase 3-line 500VAC
HF3000C-SZL SOSHIN-HF3000C-SZL Datasheet
512Kb / 4P
3-phase 3-line 500VAC
HF3000C-TM SOSHIN-HF3000C-TM Datasheet
302Kb / 4P
3-phase 3-line 500VAC
HF3000C-XZ SOSHIN-HF3000C-XZ Datasheet
194Kb / 4P
3-phase 3-line 500VAC
NF3000C-SJB SOSHIN-NF3000C-SJB Datasheet
333Kb / 4P
3-phase 3-line 500VAC
NF3000C-YXZ SOSHIN-NF3000C-YXZ Datasheet
686Kb / 5P
3-phase 3-line 500VAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com