Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSF64N12 Datasheet(PDF) 4 Page - Thinki Semiconductor Co., Ltd.

Part # CSF64N12
Description  85V,120A N-Channel Trench Process Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

CSF64N12 Datasheet(HTML) 4 Page - Thinki Semiconductor Co., Ltd.

  CSF64N12 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. CSF64N12 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. CSF64N12 Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. CSF64N12 Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. CSF64N12 Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd. CSF64N12 Datasheet HTML 6Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 4/6
Rev.09T
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS (Curves)
Figure1. Output Characteristics
Figure2. Transfer Characteristics
VDS Drain-Source Voltage (V)
VGS Gate-Source Voltage (V)
Figure3. ID vs Junction Temperature
Figure4. Rdson Vs Junction Temperature
Figure5. BVDSS vs Junction Temperature
Figure6. VGS(th) vs Junction Temperature
TJ-Junction Temperature(℃)
TJ-Junction Temperature(℃)
3.0
TJ-Junction Temperature(℃)
TJ-Junction Temperature(℃)
CS64N12



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com