Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC6162JL1B-B Datasheet(PDF) 1 Page - Microchip Technology

Part # DSC6162JL1B-B
Description  Ultra-Small, Ultra-Low Power MEMS Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC6162JL1B-B Datasheet(HTML) 1 Page - Microchip Technology

  DSC6162JL1B-B Datasheet HTML 1Page - Microchip Technology DSC6162JL1B-B Datasheet HTML 2Page - Microchip Technology DSC6162JL1B-B Datasheet HTML 3Page - Microchip Technology DSC6162JL1B-B Datasheet HTML 4Page - Microchip Technology DSC6162JL1B-B Datasheet HTML 5Page - Microchip Technology DSC6162JL1B-B Datasheet HTML 6Page - Microchip Technology DSC6162JL1B-B Datasheet HTML 7Page - Microchip Technology DSC6162JL1B-B Datasheet HTML 8Page - Microchip Technology DSC6162JL1B-B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2019 Microchip Technology Inc.
DS20006155A-page 1
DSC61XXB
Features
• Wide Frequency Range: 3.5 kHz to 100 MHz
• Ultra-Low Power Consumption: 3 mA/1 µA
(Active/Standby)
• Ultra-Small Footprints
-1.6 mm
1.2 mm
-2.0 mm
1.6 mm
-2.5 mm
2.0 mm
• Frequency Select Input Supports Two
Pre-Defined Frequencies
• High Stability: ±20 ppm, ±25 ppm, ±50 ppm
• Wide Temperature Range
- Automotive: –40°C to +125°C
- Ext. Industrial: –40°C to +105°C
- Industrial: –40°C to +85°C
- Ext. Commercial: –20° to +70°C
• Excellent Shock and Vibration Immunity
- Qualified to MIL-STD-883
• High Reliability
- 20x Better MTF Than Quartz Oscillators
• Supply Range of 1.71V to 3.63V
• Short Sample Lead Time: <2 weeks
• Lead Free & RoHS Compliant
• Automotive Version Available: DSA61xxB
Applications
• Low Power/Portable Applications: IoT,
Embedded/Smart Devices
• Consumer: Home Healthcare, Fitness Devices,
Home Automation
• Industrial: Building/Factory Automation,
Surveillance Camera
• Automotive (Please Refer to the DSA61xx Family)
General Description
The DSC61xxB family of MEMS oscillators combines
the industry leading low power consumption and
ultra-small packages with exceptional frequency
stability and jitter performance over temperature. The
single-output
DSC61xxB
MEMS
oscillators
are
excellent choices for use as clock references in small,
battery-powered devices such as wearable and
Internet of Things (IoT) devices in which small size, low
power consumption, and long-term reliability are
paramount.
The DSC61xxB family is available in ultra-small
1.6 mm x 1.2 mm,
2.0 mm x 1.6 mm,
and
2.5 mm x 2.0 mm packages. These packages are
“drop-in” replacements for standard 4-pin CMOS
quartz crystal oscillators. The Automotive Grade
AEC-Q100 qualified option is also available for this
device.
Package Types
DSC61XXB
2.5 mm x 2.0 mm VLGA
2.0 mm x 1.6 mm VFLGA
1.6 mm x 1.2 mm VFLGA
(Top View)
OE/STDBY/FS
4
GND
VDD
OUT
3
2
1
Ultra-Small, Ultra-Low Power MEMS Oscillator


Similar Part No. - DSC6162JL1B-B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC6101HE1A-016.0000T MICROCHIP-DSC6101HE1A-016.0000T Datasheet
307Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
DSC6112JI2A-100.0000 MICROCHIP-DSC6112JI2A-100.0000 Datasheet
307Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
DSC6121CE2A-00CU MICROCHIP-DSC6121CE2A-00CU Datasheet
941Kb / 1P
Pin Configuration and Description
Revision 1.0
DSC6121CE2A-00CUT MICROCHIP-DSC6121CE2A-00CUT Datasheet
941Kb / 1P
Pin Configuration and Description
Revision 1.0
DSC6121CI2A-001A MICROCHIP-DSC6121CI2A-001A Datasheet
307Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
More results

Similar Description - DSC6162JL1B-B

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTMK ABRACON-ASTMK Datasheet
3Mb / 7P
Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.17.2017
ASTMTXK ABRACON-ASTMTXK Datasheet
3Mb / 6P
Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.30.15
logo
Microchip Technology
DSC61XX MICROCHIP-DSC61XX Datasheet
307Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
DSC60XX MICROCHIP-DSC60XX Datasheet
308Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
logo
Raltron Electronics Cor...
CMC203 RALTRON-CMC203 Datasheet
735Kb / 6P
Ultra Performance MEMS Oscillator
logo
Microchip Technology
DSC63XXB MICROCHIP-DSC63XXB Datasheet
479Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
08/15/18
DSC60XXB MICROCHIP-DSC60XXB Datasheet
335Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC63XX MICROCHIP-DSC63XX Datasheet
457Kb / 28P
Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
11/07/16
DSA60XX MICROCHIP-DSA60XX Datasheet
429Kb / 26P
Ultra-Small, Low Power MEMS Oscillator for Automotive
05/14/19
DSA61XX MICROCHIP-DSA61XX Datasheet
416Kb / 24P
Ultra-Small, Low Power MEMS Oscillator for Automotive
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com