Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT1021 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT1021
Description  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1021 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT1021 Datasheet HTML 1Page - Catalyst Semiconductor CAT1021 Datasheet HTML 2Page - Catalyst Semiconductor CAT1021 Datasheet HTML 3Page - Catalyst Semiconductor CAT1021 Datasheet HTML 4Page - Catalyst Semiconductor CAT1021 Datasheet HTML 5Page - Catalyst Semiconductor CAT1021 Datasheet HTML 6Page - Catalyst Semiconductor CAT1021 Datasheet HTML 7Page - Catalyst Semiconductor CAT1021 Datasheet HTML 8Page - Catalyst Semiconductor CAT1021 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
CAT1021, CAT1022, CAT1023
Doc. No. 3009, Rev. K
BLOCK DIAGRAM
Part Dash
Minimum
Maximum
Number
Threshold
Threshold
-45
4.50
4.75
-42
4.25
4.50
-30
3.00
3.15
-28
2.85
3.00
-25
2.55
2.70
Threshold Voltage Options
PIN CONFIGURATION
(Bottom View)
TDFN Package: 3mm x 3mm
0.8mm maximum height - (RD4, ZD4)
MR
VCC
RESET
SCL
SDA
RESET
WP
VSS
CAT1021
1
2
3
4
8
7
6
5
MR
VCC
NC
SCL
SDA
RESET
NC
VSS
CAT1022
1
2
3
4
8
7
6
5
MR
VCC
SCL
SDA
RESET
VSS
CAT1023
1
2
3
4
8
7
6
5
VCC
WDI
RESET
1
2
3
4
8
7
6
5
VCC
NC
SCL
SDA
MR
RESET
NC
VSS
CAT1022
1
2
3
4
8
7
6
5
VCC
WDI
SCL
SDA
MR
RESET
RESET
VSS
CAT1023
1
2
3
4
8
7
6
5
VCC
RESET
SCL
SDA
MR
RESET
WP
VSS
CAT1021
2kbit
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
EEPROM
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
SDA
RESET Controller
Precision
Vcc Monitor
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
SCL
RESET
RESET
MR
WP
(CAT1021)
(CAT1021/23)
WDI
(CAT1023)
DIP Package (P, L)
SOIC Package (J, W)
TSSOP Package (U, Y)
MSOP Package (R, Z)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com