Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1103 Datasheet(PDF) 13 Page - Microchip Technology

Part # DSC1103
Description  Low-Jitter Precision LVDS Oscillator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1103 Datasheet(HTML) 13 Page - Microchip Technology

Back Button DSC1103 Datasheet HTML 9Page - Microchip Technology DSC1103 Datasheet HTML 10Page - Microchip Technology DSC1103 Datasheet HTML 11Page - Microchip Technology DSC1103 Datasheet HTML 12Page - Microchip Technology DSC1103 Datasheet HTML 13Page - Microchip Technology DSC1103 Datasheet HTML 14Page - Microchip Technology DSC1103 Datasheet HTML 15Page - Microchip Technology DSC1103 Datasheet HTML 16Page - Microchip Technology DSC1103 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
 2017-2018 Microchip Technology Inc.
DS20005745B-page 13
DSC1103/23
6-Lead VDFN 3.2 mm x 2.5 mm Package Outline and Recommended Land Pattern
RECOMMENDED LAND PATTERN
Dimension Limits
Units
X1
Contact Pad Width (X4)
Contact Pitch
MILLIMETERS
1.05 BSC
MIN
E
MAX
1.00
Contact Pad Length (X6)
Contact Pad Width (X2)
Y
X2
0.85
Microchip Technology Drawing C04-3007A
NOM
6-Lead Very Thin Plastic Dual Flatpack No-Lead (H5A) - 3.2x2.5 mm Body [VDFN]
SILK SCREEN
12
6
C
Contact Pad Spacing
1.60
Space Between Contacts (X4)
G1
0.25
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
C
E
X1
Y
X2
G
0.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com