Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT1024 Datasheet(PDF) 19 Page - Catalyst Semiconductor

Part # CAT1024
Description  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1024 Datasheet(HTML) 19 Page - Catalyst Semiconductor

Back Button CAT1024 Datasheet HTML 12Page - Catalyst Semiconductor CAT1024 Datasheet HTML 13Page - Catalyst Semiconductor CAT1024 Datasheet HTML 14Page - Catalyst Semiconductor CAT1024 Datasheet HTML 15Page - Catalyst Semiconductor CAT1024 Datasheet HTML 16Page - Catalyst Semiconductor CAT1024 Datasheet HTML 17Page - Catalyst Semiconductor CAT1024 Datasheet HTML 18Page - Catalyst Semiconductor CAT1024 Datasheet HTML 19Page - Catalyst Semiconductor CAT1024 Datasheet HTML 20Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
CAT1024, CAT1025
Doc No. 3008, Rev. M
Ordering Information
Note:
(1) The device used in the above example is a CAT1024JI-30TE13 (Supervisory circuit with I2C serial 2k CMOS EEPROM, SOIC, Industrial
Temperature, 3.0-3.15V Reset Threshold Voltage, Tape and Reel).
1024
Temperature Range
I = Industrial (-40˚C to 85˚C)
Prefix
Device #
Suffix
J
I
Product
Number
1024: 2K
Package
P: PDIP
J: SOIC (JEDEC)
R: MSOP
U: TSSOP
RD4: 8-pad TDFN (3x3mm)
L: PDIP (Lead free, Halogen free)
W: SOIC (JEDEC, Lead free, Halogen free)
Z: MSOP Lead free, Halogen free)
Y: TSSOP (Lead free, Halogen free)
ZD4: 3x3mm TDFN (Lead free, Halogen free)
-30
CAT
ResetThreshold
Voltage
45: 4.5-4.75V
42: 4.25-4.5V
30: 3.0-3.15V
28: 2.85-3.0V
25: 2.55-2.7V
Optional
Company ID
1025: 2K
E = Extended Automotive
(-40˚C to +125˚C)
TE13
Tape & Reel
SOIC: 2000/Reel
TSSOP: 2000/Reel
MSOP: 2500/Reel
TDFN: 2000/Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com