Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23008-E/P Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP23008-E/P
Description  8-Bit I/O Expander with Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23008-E/P Datasheet(HTML) 5 Page - Microchip Technology

  MCP23008-E/P Datasheet HTML 1Page - Microchip Technology MCP23008-E/P Datasheet HTML 2Page - Microchip Technology MCP23008-E/P Datasheet HTML 3Page - Microchip Technology MCP23008-E/P Datasheet HTML 4Page - Microchip Technology MCP23008-E/P Datasheet HTML 5Page - Microchip Technology MCP23008-E/P Datasheet HTML 6Page - Microchip Technology MCP23008-E/P Datasheet HTML 7Page - Microchip Technology MCP23008-E/P Datasheet HTML 8Page - Microchip Technology MCP23008-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
© 2005 Microchip Technology Inc.
DS21919B-page 5
MCP23008/MCP23S08
FIGURE 1-1:
MCP23008 I2C™ DEVICE PROTOCOL
1.3.3.3
SPI Sequential Write/Read
For sequential operations, instead of deselecting the
device by raising CS, the master clocks the next byte
pointed to by the address pointer.
The sequence ends by the raising of CS.
The MCP23S08 address pointer will roll over to
address zero after reaching the last register address.
1.4
Hardware Address Decoder
The hardware address pins are used to determine the
device address. To address a device, the correspond-
ing address bits in the control byte must match the pin
state.
• MCP23008 has address pins A2, A1 and A0.
• MCP23S08 has address pins A1 and A0.
The pins must be biased externally.
S
P
SR
w
R
OP
ADDR
DOUT
DIN
- START
- RESTART
- STOP
- Write
- Read
- Device opcode
- Device address
- Data out from MCP23008
- Data into MCP23008
S
P
SR
W
R
OP
ADDR
DIN
DIN
....
S
P
W
R
OP
ADDR
DOUT
DOUT
....
P
SR
W
OP
DIN
DIN
....
P
P
SR
R
DOUT
DOUT
....
P
OP
DOUT
DOUT
....
P
SR
OP
DIN
....
P
OP
DIN
S
P
W
OP
ADDR
DIN
DIN
....
Byte and Sequential Write
S
R
OP
SR
R
OP
DOUT
DOUT
....
P
Byte and Sequential Read
S
W
OP
ADDR
DIN
P
S
R
OP
SR
R
OP
DOUT
P
Byte
Sequential
Byte
Sequential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com