Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD244 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD244
Description  DC-24 GHz Distributed Driver Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD244 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD244 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD244 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD244 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD244 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD244 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD244 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD244 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD244 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD244 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Parameter
Min
Typ
Max
Units
Vdd
5.0
8.0
8.5
V
Idd
185
mA
Vgg
-4.0
-1.0
0
V
Igg
-1.6
mA
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications, Vdd = 8.0 V, Vgg = -1.0 V, TA = 25
oC
Specifications
Parameter
Rating
Drain Voltage, Vdd
10 V
Gate Voltage, Vgg
-4 to 0 V
RF Input Power
+23 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
2.4 W
Thermal Resistance, Θ JC
26.82 °C/W
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
ver 1.5 0419
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
DC - 10
10 - 24
GHz
Gain
14.5
17.5
15
18.5
dB
Noise Figure
3
4
dB
Input Return Loss
18
15
dB
Output Return Loss
25
15
dB
Output P1dB
22
25
18
23
dBm
Supply Current
130
185
270
130
185
270
mA
Gain Temperature
Coefficient
0.010
0.015
dB/°C
Noise Figure Temperature
Coefficient
0.01
0.010
dB/°C
Output IP3
33
31
dBm
CMD244
DC-24 GHz Distributed Driver Amplifier
Exceeding any one or combination of the maximum ratings
may cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com