Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD271P3 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD271P3
Description  6-11 GHz Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD271P3 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD271P3 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD271P3 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD271P3 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD271P3 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD271P3 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD271P3 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD271P3 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD271P3 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD271P3 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD271P3
6-11 GHz Low Noise Amplifier
Specifications
Absolute Maximum Ratings
Recommended Operating Conditions
Parameter
Rating
Drain Voltage, Vdd
5.5 V
RF Input Power
+20 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
537 mW
Thermal Resistance, Θ JC
121 °C/W
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 150 °C
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
ver 1.0 0919
Electrical Specifications - Vdd = 5.0 V, TA = 25
oC
Parameter
Min
Typ
Max
Units
Vdd
3.0
5.0
5.25
V
Idd
66
mA
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
6 - 8
8 - 11
GHz
Gain
17
20
15.5
18.5
dB
Noise Figure
1.8
2.3
1.9
2.4
dB
Input Return Loss
18
15
dB
Output Return Loss
18
12
dB
Output P1dB
16.5
16.5
dBm
Supply Current
46
66
86
46
66
86
mA
Gain Temperature
Coefficient
0.015
0.015
dB/°C
Noise Figure Temperature
Coefficient
0.008
0.008
dB/°C
Output IP3
26.5
26.5
dBm
Exceeding any one or combination of the maximum ratings
may cause permanent damage to the device.
Vdd (V)
Idd (mA)
3.0
30
4.0
46
5.0
66
Drain Current vs. Drain Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com