Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD411660 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # LD411660
Description  Standard Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

LD411660 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  LD411660 Datasheet HTML 1Page - Inchange Semiconductor Company Limited LD411660 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
LD411660
Standard Rectifier Diode
FEATURES
·
Low leakage current
·
Low forward voltage drop
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
These devices are ideally suited for power converters,
motors drives and other applications where switching
losses are significant portion of the total losses.
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VR
Repetitive Peak Reverse Voltage
1600
V
IF(AV)
Average Forward Current
TC=100℃
600
A
IFSM
Surge Forward Current
t=10ms,50Hz,sine
18000
A
I2t
I2t for Fusing for One Cycle
1650000
A2S
TJ
Junction Temperature
-40~125
℃
Tstg
Storage Temperature Range
-40~125
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.08
℃
/W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VF
Forward Voltage drop
IF= 1500A, TJ= 25℃
1.18
V
IR
Instantaneous Reverse Current
VR=VRRM, TJ= 150℃
40
mA


Similar Part No. - LD411660

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
LD411060 POWEREX-LD411060 Datasheet
100Kb / 5P
POW-R-BLOK Dual Diode Isolated Module (600 Amperes / Up to 2400 Volts)
LD411260 POWEREX-LD411260 Datasheet
100Kb / 5P
POW-R-BLOK Dual Diode Isolated Module (600 Amperes / Up to 2400 Volts)
More results

Similar Description - LD411660

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDMA380P2200KC ISC-MDMA380P2200KC Datasheet
275Kb / 2P
Standard Rectifier Diode
logo
ZHEJIANG HUAJING RECTIF...
KP20A HUAJING-KP20A Datasheet
1Mb / 6P
Standard Rectifier Diode
KP10A HUAJING-KP10A Datasheet
917Kb / 7P
Standard Rectifier Diode
KP30A HUAJING-KP30A Datasheet
845Kb / 6P
Standard Rectifier Diode
KP50A HUAJING-KP50A Datasheet
747Kb / 5P
Standard Rectifier Diode
ZP5A HUAJING-ZP5A Datasheet
503Kb / 3P
Standard Rectifier Diode
ZP10A HUAJING-ZP10A Datasheet
501Kb / 3P
Standard Rectifier Diode
ZP30A HUAJING-ZP30A Datasheet
525Kb / 3P
Standard Rectifier Diode
ZP50A HUAJING-ZP50A Datasheet
854Kb / 5P
Standard Rectifier Diode
logo
Inchange Semiconductor ...
LD814045 ISC-LD814045 Datasheet
281Kb / 2P
Standard Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com