Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD280C3 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD280C3
Description  DC-18 GHz 5-bit Digital Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD280C3 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD280C3 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD280C3 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD280C3 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD280C3 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD280C3 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD280C3 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD280C3 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD280C3 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD280C3 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Parameter
Min
Typ
Max
Units
Vee
-5.5
-5
-2.5
V
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Absolute Maximum Ratings
Recommended Operating Conditions
Specifications
Parameter
Rating
Bias Voltage, Vee
-8 V
Control Voltage, Vctl
-8 V
RF Input Power
+27 dBm
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 150 °C
Thermal resistance, Θ JC
125.32 ºC/W
ver 1.0 0618
CMD280C3
DC-18 GHz 5-bit Digital Attenuator
Truth Table
Control Voltage Input
P0
0.5 dB
P1
1 dB
P2
2 dB
P3
4 dB
P4
8 dB
Low
Low
Low
Low
Low
Reference
(insertion loss)
High
Low
Low
Low
Low
0.5
Low
High
Low
Low
Low
1.0
Low
Low
High
Low
Low
2.0
Attenuation
State
RF1-RF2
(dB)
Low
Low
Low
High
Low
4.0
Low
Low
Low
Low
High
8.0
High
High
High
High
High
15.5
State
Bias Condition
High
Vee ± 0.3 V
Low
0 ± 0.3 V
Control Voltage
Exceeding any one or combination of the maximum ratings
may cause permanent damage to the device.
Any combination of the above states will result in an attenua-
tion approximately equal to the sum of the bits selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com