Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5259UI-00TE13 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT5259UI-00TE13
Description  Quad Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5259UI-00TE13 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT5259UI-00TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT5259UI-00TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT5259UI-00TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT5259UI-00TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT5259UI-00TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT5259UI-00TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT5259UI-00TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT5259UI-00TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT5259UI-00TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
CAT5259
Document No. 2000, Rev. F
PIN DESCRIPTION
PIN DESCRIPTIONS
SCL:
Serial Clock
The CAT5259 serial clock input pin is used to
clock all data transfers into or out of the device.
SDA:
Serial Data
The CAT5259 bidirectional serial data pin is
used to transfer data into and out of the device.
The SDA pin is an open drain output and can be
wire-Ored with the other open drain or open
collector I/Os.
A0, A1, A2, A3:Device Address Inputs
These inputs set the device address when
addressing multiple devices. A total of sixteen
devices can be addressed on a single bus. A
match in the slave address must be made with
the address input in order to initiate communica-
tion with the CAT5259.
RH, RL: Resistor End Points
The four sets of RH and RL pins are equivalent
to the terminal connections on a mechanical
potentiometer.
RW:
Wiper
The four RW pins are equivalent to the wiper
terminal of a mechanical potentiometer.
WP
WP
WP
WP
WP:
Write Protect Input
The WP pin when tied low prevents non-volatile
writes to the device (change of wiper control
register is allowed) and when tied high or left
floating normal read/write operations are
allowed. See Write Protection on page 6 for
more details.
DEVICE OPERATION
The CAT5259 is four resistor arrays integrated with a 2-wire serial interface logic, four 8-bit wiper control registers and
sixteen 8-bit, non-volatile memory data registers. Each resistor array contains 255 separate resistive elements
connected in series. The physical ends of each array are equivalent to the fixed terminals of a mechanical
potentiometer (RH and RL). The tap positions between and at the ends of the series resistors are connected to the
output wiper terminals (RW) by a CMOS transistor switch. Only one tap point for each potentiometer is connected to
its wiper terminal at a time and is determined by the value of the wiper control register. Data can be read or written
to the wiper control registers or the non-volatile memory data registers via the 2-wire bus. Additional instructions allow
data to be transferred between the wiper control registers and each respective potentiometer's non-volatile data
registers. Also, the device can be instructed to operate in an "increment/decrement" mode.
n
i
P
/
C
I
O
S
(
)
P
O
S
S
T
e
m
a
Nn
o
i
t
c
n
u
F
1C
Nt
c
e
n
n
o
C
o
N
20
AB
S
L
,
s
s
e
r
d
d
A
e
c
i
v
e
D
33
W
R3
r
e
t
e
m
o
i
t
n
e
t
o
P
r
o
f
l
a
n
i
m
r
e
T
r
e
p
i
W
43
H
R3
r
e
t
e
m
o
i
t
n
e
t
o
P
r
o
f
l
a
n
i
m
r
e
T
e
c
n
e
r
e
f
e
R
h
g
i
H
53
L
R3
r
e
t
e
m
o
i
t
n
e
t
o
P
r
o
f
l
a
n
i
m
r
e
T
e
c
n
e
r
e
f
e
R
w
o
L
6C
Nt
c
e
n
n
o
C
o
N
7C
C
Ve
g
a
t
l
o
V
y
l
p
p
u
S
80
L
R0
r
e
t
e
m
o
i
t
n
e
t
o
P
r
o
f
l
a
n
i
m
r
e
T
e
c
n
e
r
e
f
e
R
w
o
L
90
H
R0
r
e
t
e
m
o
i
t
n
e
t
o
P
r
o
f
l
a
n
i
m
r
e
T
e
c
n
e
r
e
f
e
R
h
g
i
H
0
10
W
R0
r
e
t
e
m
o
i
t
n
e
t
o
P
r
o
f
l
a
n
i
m
r
e
T
r
e
p
i
W
1
12
As
s
e
r
d
d
A
e
c
i
v
e
D
2
1
P
W
n
o
i
t
c
e
t
o
r
P
e
t
i
r
W
3
1A
D
St
u
p
t
u
O
/
t
u
p
n
I
a
t
a
D
l
a
i
r
e
S
4
11
As
s
e
r
d
d
A
e
c
i
v
e
D
5
11
L
R1
r
e
t
e
m
o
i
t
n
e
t
o
P
r
o
f
l
a
n
i
m
r
e
T
e
c
n
e
r
e
f
e
R
w
o
L
6
11
H
R1
r
e
t
e
m
o
i
t
n
e
t
o
P
r
o
f
l
a
n
i
m
r
e
T
e
c
n
e
r
e
f
e
R
h
g
i
H
7
11
W
R1
r
e
t
e
m
o
i
t
n
e
t
o
P
r
o
f
l
a
n
i
m
r
e
T
r
e
p
i
W
8
1D
N
Gd
n
u
o
r
G
9
1C
Nt
c
e
n
n
o
C
o
N
0
22
W
R2
r
e
t
e
m
o
i
t
n
e
t
o
P
r
o
f
l
a
n
i
m
r
e
T
r
e
p
i
W
1
22
H
R2
r
e
t
e
m
o
i
t
n
e
t
o
P
r
o
f
l
a
n
i
m
r
e
T
e
c
n
e
r
e
f
e
R
h
g
i
H
2
22
L
R2
r
e
t
e
m
o
i
t
n
e
t
o
P
r
o
f
l
a
n
i
m
r
e
T
e
c
n
e
r
e
f
e
R
w
o
L
3
2L
C
Sk
c
o
l
C
l
a
i
r
e
S
s
u
B
4
23
As
s
e
r
d
d
A
e
c
i
v
e
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com