Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZP50A Datasheet(PDF) 1 Page - ZHEJIANG HUAJING RECTIFIER CO.,LTD.

Part # ZP50A
Description  Standard Rectifier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAJING [ZHEJIANG HUAJING RECTIFIER CO.,LTD.]
Direct Link  http://www.thyristor.com.cn/
Logo HUAJING - ZHEJIANG HUAJING RECTIFIER CO.,LTD.

ZP50A Datasheet(HTML) 1 Page - ZHEJIANG HUAJING RECTIFIER CO.,LTD.

  ZP50A Datasheet HTML 1Page - ZHEJIANG HUAJING RECTIFIER CO.,LTD. ZP50A Datasheet HTML 2Page - ZHEJIANG HUAJING RECTIFIER CO.,LTD. ZP50A Datasheet HTML 3Page - ZHEJIANG HUAJING RECTIFIER CO.,LTD. ZP50A Datasheet HTML 4Page - ZHEJIANG HUAJING RECTIFIER CO.,LTD. ZP50A Datasheet HTML 5Page - ZHEJIANG HUAJING RECTIFIER CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
!
"
"
#
$
#
%
k
!
"
#$%
e& ' (
)% *
+' & "
( ,
-.$
k
#)%
)%
!
"
#)%
/)
0 "" 1 0 , 1 (
1 '" +
2
"0-#%3(
2
-
2
45%%
#)%
#%%
)%%%
0 " " 1 0 , !
"
-
#)%
67)
.
3
! +
8(" "
!
"
#%3( & ' (
1
-%7/
#)%
$75)
9
5"
5"
!( +
"
#6)%
5
& (& ' 1 '" +
#)%
%7$%
8(" " (' 0 ( ("
%76.
3
¡
: ,
8(" " 1 '" +
-;% < -.7%9
#)%
#7;
#7)
3
1 (
1 = !
"
-;%
">-#%%%!(
? "-85% ?!(7
-)%
#)%
@%
"
1 (
1 = " 3
67%
!(
A
&
!
#6%
!
"& B8&
& 3 ' 30
" "& (& ''
#$%
e(
1 < ( +' & " ( ,
%7%.%
k?C
! " +
5;
(">
"
" 30
"!
8/)
#.%
k
C"
C +&"
#6%
+
!"'
###
'
)%
#%%8)%%%
$75)
9
5"
#6)%
5


Similar Part No. - ZP50A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZP50A ETC-ZP50A Datasheet
98Kb / 1P
ZP series silicon rectifier
More results

Similar Description - ZP50A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDMA380P2200KC ISC-MDMA380P2200KC Datasheet
275Kb / 2P
Standard Rectifier Diode
logo
ZHEJIANG HUAJING RECTIF...
KP20A HUAJING-KP20A Datasheet
1Mb / 6P
Standard Rectifier Diode
KP10A HUAJING-KP10A Datasheet
917Kb / 7P
Standard Rectifier Diode
KP30A HUAJING-KP30A Datasheet
845Kb / 6P
Standard Rectifier Diode
KP50A HUAJING-KP50A Datasheet
747Kb / 5P
Standard Rectifier Diode
logo
Inchange Semiconductor ...
LD411660 ISC-LD411660 Datasheet
281Kb / 2P
Standard Rectifier Diode
logo
ZHEJIANG HUAJING RECTIF...
ZP5A HUAJING-ZP5A Datasheet
503Kb / 3P
Standard Rectifier Diode
ZP10A HUAJING-ZP10A Datasheet
501Kb / 3P
Standard Rectifier Diode
ZP30A HUAJING-ZP30A Datasheet
525Kb / 3P
Standard Rectifier Diode
logo
Inchange Semiconductor ...
LD814045 ISC-LD814045 Datasheet
281Kb / 2P
Standard Rectifier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com