Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2907A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MMBT2907A
Description  isc Silicon PNP Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MMBT2907A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MMBT2907A Datasheet HTML 1Page - Inchange Semiconductor Company Limited MMBT2907A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc Silicon PNP Transistor
MMBT2907A
DESCRIPTION
·
Low Voltage Use
·
Ultra Super Mini Mold Package
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for use in low noise and small signal amplifiers
from VHF band to UHF band
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-60
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-0.6
A
PC
Collector Power Dissipation
@TC=25℃
0.3
W
TJ
Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -10mA ; IB= 0
-60
V
ICBO
Collector Cutoff Current
VCE= -50V; IE= 0
-0.1
μ
A
ICEX
Collector Cutoff Current
VCE= -30V; VBE=-0.5V
-0.05
μ
A
hFE
DC Current Gain
IC=-0.1mA ; VCE= -10V
75
IC=1mA ; VCE= -10V
100
IC=-10mA ; VCE= -10V
100
IC=-150mA ; VCE= -10V
100
300
IC=-500mA ; VCE= -10V
50
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -150mA ,IB= -15mA
-0.4
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -500mA ,IB= -50mA
-1.6
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= -150mA ,IB= -15mA
-1.3
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= -500mA ,IB= -50mA
-2.6
V


Similar Part No. - MMBT2907A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MMBT2907A STMICROELECTRONICS-MMBT2907A Datasheet
58Kb / 4P
SMALL SIGNAL PNP TRANSISTOR
Feb-2003
logo
Transys Electronics
MMBT2907A TRSYS-MMBT2907A Datasheet
193Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
Fairchild Semiconductor
MMBT2907A FAIRCHILD-MMBT2907A Datasheet
58Kb / 6P
PNP General Purpose Amplifier
logo
Diodes Incorporated
MMBT2907A DIODES-MMBT2907A Datasheet
51Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30040 Rev. 4 - 2
More results

Similar Description - MMBT2907A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
2SA1015 ISC-2SA1015 Datasheet
124Kb / 2P
isc Silicon PNP Transistor
2SA1013 ISC-2SA1013 Datasheet
234Kb / 2P
isc Silicon PNP Transistor
2SA1283 ISC-2SA1283 Datasheet
234Kb / 2P
isc Silicon PNP Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com