Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q6006DH4 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # Q6006DH4
Description  80N08A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

Q6006DH4 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  Q6006DH4 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Thyristors
Q6006DH4
DESCRIPTION
·
With TO-252( DPAK ) uninsulated packaging
·
High commutation capability
·
Minimum Lot-to-Lot variations for robust device performance
and reliable operation
APPLICATIONS
·
Switching applications
·
Phase control
·
Static switching on inductive or resistive load
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MAX
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(RSM)
Average on-state current
6
A
ITSM
Surge non-repetitive on-state current
60HZ
50HZ
65
55
A
PG(AV)
Average gate power dissipation
0.5
W
Tj
Operating junction temperature
-40~125
℃
Tstg
Storage temperature
-40~125
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM Rated;
VD=VDRM Rated;
Tj=25℃
Tj=100℃
Tj=125℃
0.01
0.5
2
mA
IDRM
Repetitive peak off-state current
VTM
On-state voltage
IT=6A
1.6
V
IGT
Gate-trigger current
VD =12V;IT=0.1A;
Ⅰ
35
mA
Ⅱ
35
Ⅲ
35
VGT
Gate-trigger voltage
VD =12V;IT=0.1A;
1.3
V
NOTICE:
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of
our products.
ISC products are intended for usage in general electronic equipment. The products are not
designed for use in equipment which require specialized quality and/or reliability, or in equipment
which could have applications in hazardous environments, aerospace industry, or medical
field. Please contact us if you intend our products to be used in these special applications.
ISC makes no warranty or guarantee regarding the suitability of its products for any particular
purpose, nor does ISC assume any liability arising from the application or use of any products, and
specifically disclaims any and all liability, including without limitation special, consequential or
incidental damages.


Similar Part No. - Q6006DH4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q6006DH4 LITTELFUSE-Q6006DH4 Datasheet
182Kb / 10P
Alternistor Triacs (6 A to 40 A)
logo
List of Unclassifed Man...
Q6006DH4 ETC2-Q6006DH4 Datasheet
188Kb / 10P
Alternistor Triacs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com