Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT34AC02UI Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT34AC02UI
Description  2K-Bit SMBus EEPROM for ACR Card Configuration
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT34AC02UI Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT34AC02UI Datasheet HTML 1Page - Catalyst Semiconductor CAT34AC02UI Datasheet HTML 2Page - Catalyst Semiconductor CAT34AC02UI Datasheet HTML 3Page - Catalyst Semiconductor CAT34AC02UI Datasheet HTML 4Page - Catalyst Semiconductor CAT34AC02UI Datasheet HTML 5Page - Catalyst Semiconductor CAT34AC02UI Datasheet HTML 6Page - Catalyst Semiconductor CAT34AC02UI Datasheet HTML 7Page - Catalyst Semiconductor CAT34AC02UI Datasheet HTML 8Page - Catalyst Semiconductor CAT34AC02UI Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CAT34AC02
3
Doc No. 1025, Rev. E
Write Cycle Limits
Symbol
Parameter
Min
Typ
Max
Units
tWR
Write Cycle Time
4
5
ms
A.C. CHARACTERISTICS
VCC = +1.8V to +6.0V, unless otherwise specified.
Read & Write Cycle Limits
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Power-Up Timing(1)(2)
Symbol
Parameter
Min
Typ
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
The write cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
program/erase cycle. During the write cycle, the bus
interface circuits are disabled, SDA is allowed to remain
high, and the device does not respond to its slave
address.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
V
0
.
6
-
V
5
.
2
,
V
0
.
6
-
V
8
.
1V
5
.
5
-
V
5
.
4
s
t
i
n
U
n
i
Mx
a
Mn
i
Mx
a
M
F
L
C
S
y
c
n
e
u
q
e
r
F
k
c
o
l
C0
0
10
0
4z
H
k
T
I
)
1
(
t
a
t
n
a
t
s
n
o
C
e
m
i
T
n
o
i
s
s
e
r
p
p
u
S
e
s
i
o
N
s
t
u
p
n
I
A
D
S
,
L
C
S
0
0
10
0
1s
n
t
A
A
t
u
O
a
t
a
D
A
D
S
o
t
w
o
L
L
C
S
t
u
O
K
C
A
d
n
a
5
.
31
s
µ
t
F
U
B
)
1
(
a
e
r
o
f
e
B
e
e
r
F
e
b
t
s
u
M
s
u
B
e
h
t
e
m
i
T
t
r
a
t
S
n
a
C
n
o
i
s
s
i
m
s
n
a
r
T
w
e
N
7
.
42
.
1s
µ
t
A
T
S
:
D
H
e
m
i
T
d
l
o
H
n
o
i
t
i
d
n
o
C
t
r
a
t
S4
6
.
0s
µ
t
W
O
L
d
o
i
r
e
P
w
o
L
k
c
o
l
C7
.
42
.
1s
µ
t
H
G
I
H
d
o
i
r
e
P
h
g
i
H
k
c
o
l
C4
6
.
0s
µ
t
A
T
S
:
U
S
a
r
o
f
(
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
t
r
a
t
S
)
n
o
i
t
i
d
n
o
C
t
r
a
t
S
d
e
t
a
e
p
e
R
7
.
46
.
0s
µ
t
T
A
D
:
D
H
e
m
i
T
d
l
o
H
n
I
a
t
a
D0
0
s
n
t
T
A
D
:
U
S
e
m
i
T
p
u
t
e
S
n
I
a
t
a
D0
50
5s
n
t
R
)
1
(
e
m
i
T
e
s
i
R
L
C
S
d
n
a
A
D
S1
3
.
0s
µ
t
F
)
1
(
e
m
i
T
ll
a
F
L
C
S
d
n
a
A
D
S0
0
30
0
3s
n
t
O
T
S
:
U
S
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
p
o
t
S4
6
.
0s
µ
t
H
D
e
m
i
T
d
l
o
H
t
u
O
a
t
a
D0
0
10
0
1s
n



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com