Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP06AZ Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP06AZ
Description  6W 3KV Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP06AZ Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP06AZ Datasheet HTML 1Page - Toppower Electronic Technology Limited TP06AZ Datasheet HTML 2Page - Toppower Electronic Technology Limited TP06AZ Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP06AZ Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
page 2 of 3
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Input / Output 1 minute, leakage current 2mA
3000
VAC
Seismic
10~500Hz,2G10min./1cycle, 60min.each along X,Y,Z axes
Protection
Over current,Over-Voltage, short circuit
Auto recovery
Isolation Voltage
I/P-O/P:3000VAC
Isolation resistance
I/P-O/P>100M Ohms/500VDC 25 70% RH
℃
Safety standard
EN60950, EN60601 ,UL60950
Conduction and radiation
EN55011, EN55022 (CISPR22) CLASS B
ESD
IEC/EN 61000-4-2 level 4 8kV/15kV (see the application circuit)
RF
IEC/EN 61000-4-3(see the application notes )
EFT
IEC/EN 61000-4-4 level 4 4kV(see the application notes )
Surge
IEC/EN 61000-4-5 level 4 2kV/4kV(see the application notes )
MTBF
200K hrs min.
MIL-HDBK-217F(25)
Dimension
32*20.0*15mm (L*W*H)
TYPICAL APPLICATION CIRCUIT
R1 and R2 in the figure are the functions of balancing the voltages of C1 and C2, and the resistance is 750KΩ/0.25W.
TYPICAL APPLICATION CIRCUIT
Component
PN
FUSE
(required)
L1
CX1,2
(required)
NF
MOV
(required)
DB
(required)
C1,2
(required)
C4
CY
C5
15Ω
/2W
1.0mH
,
0.2A-0
.5A
104K/310V
AC
NF is common
mode inductance,
inductance value in
30mH, current
0.2A-0.5A.
MOV is the
voltage
resistance
and the
recommend
ed value is
14D821K
1A/100
0V
Bridge
pile
10uF/400
V
222K
/400
V
104K/50V
Ceramic
capacitor
TP06AZ400S05W
1000uF/16V
TP06AZ400S09W
560uF/16V
TP06AZ400S12W
470uF/16V
TP06AZ400S15W
470uF/25V
TP06AZ400S24W
220uF/35V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com