Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP10AC Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP10AC
Description  10W 4KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP10AC Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP10AC Datasheet HTML 1Page - Toppower Electronic Technology Limited TP10AC Datasheet HTML 2Page - Toppower Electronic Technology Limited TP10AC Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP10AC series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
page 3 of 3
NOTES:
1. The output filter capacitance C4 is the electrolytic capacitor. It is recommended to use the high frequency low resistance electrolytic capacitance, the capacity and
the current of the flow. Please refer to the technical specifications provided by the manufacturers. Capacitance pressure reduction is greater than 80%. The C5 is to
remove the high frequency noise. D1 is recommended for the TVS tube to protect the rear circuit (when the module is abnormal).
2. The dashed box is an EMC filter that is accessible for higher EMC requirements, which can be omitted while general applications
3.We has formed a filter for C1, C2, C3 and NF ,for the customer to use, the model is FA01.
TYPICAL APPLICATION CIRCUIT
Component
PN
FUSE
NTC
NF
MOV
C1
C2,C3
C4
C5
D1
TP10AC220S03W
T1A
/250V
Recomme
nded
external
NTC
thermistor,
model:
10d-9
NF is
common
mode
inductance,
inductance
value in
10mH,
current
0.2a-0.5 A.
MOV is
the
voltage
resistanc
e and the
recomme
nded
value is
14D471K
C1 is the
safety X
capacita
nce,
104K /
275V
C2,C3 is
the safety
Y
capacitan
ce,
102K/400
V
470uF/16V
104K/50
(Ceramic
capacitors )
P6KE6.8A
TP10AC220S05W
470uF/16V
P6KE6.8A
TP10AC220S09W
150uF/16V
P6KE16A
TP10AC220S12W
120uF/16V
P6KE16A
TP10AC220S15W
120uF/25V
P6KE20A
TP10AC220S24W
100uF/35V
P6KE33A
MECHANICAL DIMENSIONS
DIP packaging
PIN
Single
1
N
2
L
3
+V0
4
-V0
SELECTION GUIDE
20.32
15.30
6.00
?1.00
25.40
10.16
50.80
45.72
bottom view
2
1
3
4
All dimensions in mm ±0.2mm
TP
10
A
C 220 S
05
W
W:4:1 Wide voltage input range
Main (auxiliary) output voltage
S:single output, D:Dual output
Rated input voltage
Package type
AC-DC
Rated output power
Brand name
Ø1.00
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com