Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCPD-15-X Datasheet(PDF) 4 Page - Toppower Electronic Technology Limited

Part # TPCPD-15-X
Description  15W Wide input AC/DC switching power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPCPD-15-X Datasheet(HTML) 4 Page - Toppower Electronic Technology Limited

  TPCPD-15-X Datasheet HTML 1Page - Toppower Electronic Technology Limited TPCPD-15-X Datasheet HTML 2Page - Toppower Electronic Technology Limited TPCPD-15-X Datasheet HTML 3Page - Toppower Electronic Technology Limited TPCPD-15-X Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TPC/PD-15-X series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 4 / 4
RECOMMEND CIRCUIT
DERATING CURVE
OUTPUT CHARACTERISTICS CURVE
MODEL SELECTION
Delimiter
Type
Series
Brand
TOPPOWE
Delimiter
Output voltage
TP C / PD -15 – 12
Rated output power
Delimiter



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com