Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBT8550 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMBT8550
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBT8550 Datasheet(HTML) 1 Page - Continental Device India Limited

  CMBT8550 Datasheet HTML 1Page - Continental Device India Limited CMBT8550 Datasheet HTML 2Page - Continental Device India Limited CMBT8550 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
CMBT8550
SOT-23
Formed SMD Package
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNITS
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
mA
Collector Dissipation @ Ta=25ºC
PC
mW
Operating and Storage Junction
Temperature Range
Tj, Tstg
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Base Voltage
VCBO
IC=100µA, IE=0
30
V
Collector Emitter Voltage
VCEO
IC=10mA, IB=0
25
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
6
V
Collector Cut off Current
ICBO
VCB=15V, IE=0
50
nA
Emitter Cut off Current
IEBO
VEB=4V, IC=0
500
nA
DC Current Gain
hFE
IC=5mA, VCE=1V
45
*IC=100mA, VCE=1V
100
400
IC=500mA, VCE=1V
40
Collector Emitter Saturation Voltage
VCE(sat)
IC=500mA, IB=50mA
0.5
V
Base Emitter Saturation Voltage
VBE(sat)
IC=500mA, IB=50mA
1.2
V
Transition Frequency
fT
IC=100mA, VCE=10V, f=100MHz
100
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
35
pF
CLASSIFICATIONS
CMBT8550
C
D
E
*hFE
100 - 400
100 - 200
150 - 300
280 - 400
MARKING
55
55C
55D
55E
800
250
- 55 to +125
VALUE
30
25
6
PIN CONFIGURATION (PNP)
1 = BASE
2 = EM ITTER
3 = COLLECTOR
2
1
3
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CMBT8550

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
CMBT857E CDIL-CMBT857E Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
CMBT857F CDIL-CMBT857F Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
CMBT8598 CDIL-CMBT8598 Datasheet
121Kb / 3P
GENERAL PURPOSE TRANSISTOR
CMBT8599 CDIL-CMBT8599 Datasheet
121Kb / 3P
GENERAL PURPOSE TRANSISTOR
More results

Similar Description - CMBT8550

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com