Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL4PR8 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL4PR8
Description  4mm, CYLINDER TYPE, COLORED DIFFUSION LED LAMPS FOR INDICATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL4PR8 Datasheet(HTML) 1 Page - Sharp Corporation

  GL4PR8 Datasheet HTML 1Page - Sharp Corporation GL4PR8 Datasheet HTML 2Page - Sharp Corporation GL4PR8 Datasheet HTML 3Page - Sharp Corporation GL4PR8 Datasheet HTML 4Page - Sharp Corporation GL4PR8 Datasheet HTML 5Page - Sharp Corporation GL4PR8 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
51
Notice
In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in
catalogs,data books,etc.Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://sharp-world.com/ecg/
(Unit : mm)
(Ta=25˚C)
LED Lamp
GL4❏❏8 series
GL4❏❏8 series
s Outline Dimensions
ø4.8
ø4.0
Colored diffusion
0.5
±0.1
2.54NOM
12
Pin connections
1 Anode
2 Cathode
Unspecified tolerance:
±0.2
s Directive Characteristics
0
40
20
60
-20˚
+20˚
+40˚
+60˚
+80˚
-40˚
-60˚
-80˚
-30˚
-50˚
+10˚
100
-10˚
+30˚
+50˚
+70˚
+90˚
-90˚
-70˚
80
DC
Pulse
GL4PR8
GL4HD8
GL4HS8
GL4HY8
GL4EG8
GL4KG8
GaP
GaAsP on GaP
GaAsP on GaP
GaAsP on GaP
GaP
GaP
23
84
84
84
84
84
10
30
30
30
30
30
0.13
0.40
0.40
0.40
0.40
0.40
0.67
0.67
0.67
0.67
0.67
0.67
260
260
260
260
260
260
50
50
50
50
50
50
5
5
5
5
5
5
Model No.
Emitting color
Material
Power dissipation
P
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM*1
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*2
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
Red
Red
Sunset orange
Yellow
Yellow-green
Green
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
*1 Duty ratio=1/10, Pulse width=0.1ms
*2 5s or less(At the position of 1.6mm or more from the bottom face of resin package)
s Absolute Maximum Ratings
GL4PR8
GL4HD8
GL4HS8
GL4HY8
GL4EG8
GL4KG8
TYP
MAX
1.9
2.0
2.0
2.0
2.1
2.1
2.3
2.8
2.8
2.8
2.8
2.8
695
635
610
585
565
555
5
20
20
20
20
20
5
20
20
20
20
20
5
20
20
20
20
20
10
10
10
10
10
10
4
4
4
4
4
4
55
20
15
35
35
40
1
1
1
1
1
1
100
100
101
101
102
102
100
35
35
30
30
25
15
110
80
110
100
30
Model No.
Lens type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
Colored
diffusion
s Electro-optical Characteristics
ø4mm, Cylinder Type, Colored
Diffusion LED Lamps for Indicator


Similar Part No. - GL4PR8

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL4PR8 SHARP-GL4PR8 Datasheet
81Kb / 4P
첩4mm, Cylinder Type, Colored Diffusion LED Lamps for Indicator
logo
List of Unclassifed Man...
GL4PR8 ETC1-GL4PR8 Datasheet
1Mb / 11P
HIGH-LUMINOSITY LED LAMP
More results

Similar Description - GL4PR8

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL2PR6 SHARP-GL2PR6 Datasheet
91Kb / 4P
첩2mm, Convex Type, Colored Diffusion LED Lamps for Indicator
GL3UR8 SHARP-GL3UR8 Datasheet
94Kb / 4P
첩3mmT-1, Cylinder Type, Colored Diffusion, High-luminosity LED Lamps for Indicator
GL4PR8 SHARP-GL4PR8 Datasheet
81Kb / 4P
첩4mm, Cylinder Type, Colored Diffusion LED Lamps for Indicator
GL8HD23 SHARP-GL8HD23 Datasheet
95Kb / 4P
2.0X4.5mm, Rectangle Type, Colored Diffusion LED Lamps for Indicator
GL8HD48 SHARP-GL8HD48 Datasheet
100Kb / 4P
3.0X3.0mm, Square Type, Colored Diffusion LED Lamps for Indicator
GL8PR22 SHARP-GL8PR22 Datasheet
78Kb / 4P
5.0X5.0mm, Square Type, Colored Diffusion LED Lamps for Indicator
GL8PR29 SHARP-GL8PR29 Datasheet
86Kb / 4P
2.0X3.2mm, Rectangle Type, Colored Diffusion LED Lamps for Indicator
GL8PR42 SHARP-GL8PR42 Datasheet
80Kb / 4P
2.0X4.0mm, Rectangle Type, Colored Diffusion LED Lamps for Indicator
logo
List of Unclassifed Man...
GL3EG8 ETC-GL3EG8 Datasheet
79Kb / 4P
첩3mm(T-1), Cylinder Type, Colored Diffusion LED Lamps for Indicator
GL2HD6 ETC-GL2HD6 Datasheet
100Kb / 4P
Convex Type, Colored Diffusion LED Lamps for Indicator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com