Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3235MODAX Datasheet(PDF) 39 Page - Texas Instruments

Part # CC3235MODAX
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODAX Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC3235MODAX Datasheet HTML 35Page - Texas Instruments CC3235MODAX Datasheet HTML 36Page - Texas Instruments CC3235MODAX Datasheet HTML 37Page - Texas Instruments CC3235MODAX Datasheet HTML 38Page - Texas Instruments CC3235MODAX Datasheet HTML 39Page - Texas Instruments CC3235MODAX Datasheet HTML 40Page - Texas Instruments CC3235MODAX Datasheet HTML 41Page - Texas Instruments CC3235MODAX Datasheet HTML 42Page - Texas Instruments CC3235MODAX Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
39
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Specifications
Copyright © 2019, Texas Instruments Incorporated
5.5
Current Consumption (CC3235MODASF)
(1)
TX power level = 0 implies maximum power (see Figure 5-2, Figure 5-2, and Figure 5-3). TX power level = 4 implies output power
backed off approximately 4 dB.
(2)
The CC3235MODAS system is a constant power-source system. The active current numbers scale based on the VBAT voltage supplied.
(3)
Typical numbers assume a VSWR of 1.5:1.
(4)
DTIM = 1
(5)
LPDS current does not include the external serial flash. The and can be configured to retain 0 KB, 64 KB, 128 KB, 192 KB, or 256 KB of
SRAM in LPDS. Each 64-KB block of MCU retained SRAM increases LPDS current by 4 µA.
(6)
The complete calibration can take up to 17 mJ of energy from the battery over a period of 24 ms. Calibration is performed sparingly,
typically when coming out of HIBERNATE and only if temperature has changed by more than 20°C. The calibration event can be
controlled by a configuration file in the serial flash.
Table 5-3. Current Consumption Summary (CC3235MODASF) 2.4 GHz RF Band
TA = 25°C, VBAT = 3.6 V
PARAMETER
TEST CONDITIONS(1) (2)
MIN
TYP(3)
MAX
UNIT
MCU ACTIVE
NWP ACTIVE
TX
1 DSSS
TX power level = 0
286
mA
TX power level = 4
202
6 OFDM
TX power level = 0
255
TX power level = 4
192
54 OFDM
TX power level = 0
232
TX power level = 4
174
RX
1 DSSS
74
54 OFDM
74
NWP idle connected(4)
25.2
MCU SLEEP
NWP ACTIVE
TX
1 DSSS
TX power level = 0
282
mA
TX power level = 4
198
6 OFDM
TX power level = 0
251
TX power level = 4
188
54 OFDM
TX power level = 0
228
TX power level = 4
170
RX
1 DSSS
70
54 OFDM
70
NWP idle connected(4)
21.2
MCU LPDS
NWP active
TX
1 DSSS
TX power level = 0
266
mA
TX power level = 4
184
6 OFDM
TX power level = 0
242
TX power level = 4
176
54 OFDM
TX power level = 0
217
TX power level = 4
154
RX
1 DSSS
53
54 OFDM
53
NWP LPDS(5)
SRAM
Retention
64 KB
120
µA
256 KB
135
NWP idle connected(4)
710
MCU
SHUTDOWN
MCU shutdown
1
µA
MCU
HIBERNATE
MCU hibernate
5.5
µA
Peak calibration current(6)
VBAT = 3.6 V
420
mA
VBAT = 3.3 V
450
VBAT = 2.3 V
610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com