Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6800 Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM6800
Description  LCD Module User Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6800 Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM6800 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM6800 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM6800 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM6800 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM6800 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6800 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6800 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6800 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6800 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TOPWAY
LCD Module User Manual
LM6800
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6800-Manual-Rev0.1.doc
Page: 4 of 10
1.4
Terminal Functions
Pin
No.
Pin
Name
I/O
Descriptions
1
VSS
Power Negative Power Supply, Ground (0V)
2
VDD
Power Positive Power Supply
3
V0
Input
LCD Contrast reference
4
VOUT Output Power Booster output for V0
5
RS
Input
RS = H; DB0 – DB7 = Display RAM data
RS = L; DB0 – DB7 = Instruction data
6
R/W
Input
7
E
Input
In read mode
R/W = H;
Data read form the LCD module,
data appears at DB0 – DB7 and can be read by the host
while, E = H and the device is being selected
In write mode
R/W = L;
Data write to the LCD module,
data appears at DB0 – DB7 will be written into the LCD module
at E = H L and device is being selected
8
DB0
I/O
:
:
:
15
DB7
I/O
Data bus:
Three state I/O terminal for display data or instruction data
16
CSA
Input
17
CSB
Input
18
CSC
Input
Chip selection, enable access to each section of the LCD module
CSC CSB CSA
Function
0
0
0
Enable access of the Left-Most Section (64 column)
of the LCD module
0
0
1
Enable access of the Middle-Left Section (64 column)
of the LCD module
0
1
0
Enable access to the Middle-Right Section (64 column)
of the LCD module
0
1
1
Enable access to the Right-Most Section (64 column)
of the LCD module
1
x
x
Disable all the access to the LCD module
19
/RST
Input
Reset signal
/RST = L,
Display off
display start line register becomes 0
no command or instruction data could be accepted
/RST = H,
Normal running
20
BLA
Power Positive Power Supply for LED backlight



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com