Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6800AGW-6 Datasheet(PDF) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM6800AGW-6
Description  LCD Module User Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6800AGW-6 Datasheet(HTML) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM6800AGW-6 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM6800AGW-6 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM6800AGW-6 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM6800AGW-6 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM6800AGW-6 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6800AGW-6 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6800AGW-6 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6800AGW-6 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6800AGW-6 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TOPWAY
LCD Module User Manual
LM6800AFW-5
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6800AGW-6-Manual-Rev0.1.DOC
Page: 5 of 10
2. Absolute Maximum Ratings
Items
Symbol
Min.
Max.
Unit
Condition
Supply Voltage
VDD
0
7.0
V
VSS = 0V
Operating Temperature
TOP
-20
70
°C
No Condensation
Storage Temperature
TST
-30
80
°C
No Condensation
Cautions:
Any Stresses exceeding the Absolute Maximum Ratings may cause substantial damage to the
device. Functional operation of this device at other conditions beyond those listed in the
specification is not implied and prolonged exposure to extreme conditions may affect device
reliability.
3. Electrical Characteristics
3.1
DC Characteristics
VSS=0V, VDD =5V, TOP =25°C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Applicable Pin
Operating Voltage
VDD
4.8
5.0
5.2
V
VDD
Input High Voltage
VIH
3.5
-
VDD
V
Input Low Voltage
VIL
0
-
0.4
V
RS, R/W, E, DB0-DB7
CSA, CSB, CSC
Operating Current
IDD
-
5.2
16
mA
VDD, VSS
3.2
LED Backlight Circuit Characteristics
VSS=0V, IfBLA=54mA, TOP =25°C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Applicable Pin
Forward Voltage
VfBLA
-
5.0
-
V
BLA
Forward Current
IfBLA
-
54
120
mA
BLA
Cautions:
Exceeding the recommended driving current could cause substantial damage to the backlight and
shorten its lifetime.
VSS
BLA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com