Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8053 Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM8053
Description  LCD Module User Manual
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM8053 Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM8053 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM8053 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM8053 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM8053 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM8053 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM8053 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM8053 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM8053 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM8053 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TOPWAY
LCD Module User Manual
LM8053
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM8053-Manual-Rev0.1.doc
Page: 4 of 12
1.4
Terminal Functions
Pin
No.
Pin
Name
I/O
Descriptions
1
VSS
Power
0V Power Supply, GND
2
VDD
Power
Positive Power Supply
3
V0
Input
LCD Contrast Reference Input
4
RS
Input
Register Select
RS=HIGH: data on DB0 to DB7 is display data
RS=LOW: data on DB0 to DB7 is control data
5
/WR
Input
Write enable input, active LOW
6
/RD
Input
Read enable input, active LOW
7
DB0
:
:
14
DB7
I/O
8-bit bi-directional data bus
15
/CS
Input
Chip Select Signal
/CS=LOW: Data IO is enabled
16
BUSY
Output
Controller busy signal,
MCU should poll this signal before accessing the LCD module
17
/RST
Input
Reset Signal:
/RST = L, Reset the LCD Module
/RST = H, Normal Running
18
VOUT
Power
Power Booster Output for V0
19
BLA
Power
Positive Power Supply for LED backlight
20
BLK
Power
Negative Power Supply for LED backlight
Note:
For enable BUSY output, the REG[A0] D0, D1, D2 or D3 should be set to hi.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com