Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM24064FDW Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM24064FDW
Description  LCD Module User Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM24064FDW Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM24064FDW Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM24064FDW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM24064FDW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM24064FDW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM24064FDW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM24064FDW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM24064FDW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM24064FDW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM24064FDW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TOPWAY
LCD Module User Manual
LM24064FDW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM24064FDW-Manual-
Rev0.1
Page: 4 of 10
1.4
Terminal Functions
Pin
No.
Pin
Name
I/O
Descriptions
1
FG
Power
Frame Ground, Connected to VSS
2
VSS
Power
0V Power Supply, GND
3
VDD
Power
Positive Power Supply
4
V0
Power
LCD Contrast Reference Input
5
/WR
Input
Data or Command Write Signal
6
/RD
Input
Data or Status Read Signal
7
/CE
Input
Chip Enable Signal
8
C/D
Input
Address for Data or Command:
C/D=H, /WR=L, /RD=H : Command Write
C/D=H, /WR=H, /RD=L : Status Read
C/D=L, /WR=L, /RD=H : Data Write
C/D=L, /WR=H, /RD=L : Data Read
9
NC
-
No Connection, Leave Open
10
/RST
Input
Reset Signal:
/RST = L, Reset the LCD Module
/RST = H, Normal Running
11
DB0
:
:
18
DB7
I/O
8-bit data bus
19
FS1
Input
Font Selection Input:
FS1=H : 6x8 font
FS1=L : 8x8 font
20
VOUT
Power
Power Booster Output for V0
21
BLA
Power
Positive Power Supply for LED backlight
22
BLK
Power
Negative Power Supply for LED backlight



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com