Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87C196KB Datasheet(PDF) 9 Page - Intel Corporation

Part # 87C196KB
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196KB Datasheet(HTML) 9 Page - Intel Corporation

Back Button 87C196KB Datasheet HTML 5Page - Intel Corporation 87C196KB Datasheet HTML 6Page - Intel Corporation 87C196KB Datasheet HTML 7Page - Intel Corporation 87C196KB Datasheet HTML 8Page - Intel Corporation 87C196KB Datasheet HTML 9Page - Intel Corporation 87C196KB Datasheet HTML 10Page - Intel Corporation 87C196KB Datasheet HTML 11Page - Intel Corporation 87C196KB Datasheet HTML 12Page - Intel Corporation 87C196KB Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
8XC196KB/8XC196KB16
DC CHARACTERISTICS
(Continued)
Symbol
Description
Min
Typ(7)
Max
Units
Test Conditions
IIL1
Logical 0 Input Current in Reset
b
850
m
AVIN e 0.45V
BHE,WR, P2.0
IIL2
Logical 0 Input Current in Reset
b
7mA
VIN e 0.45V
ALE, RD, INST
IIH1
Logical 1 Input Current
100
m
AVIN e 2.0V
on NMI Pin
Hyst.
Hysteresis on RESET Pin
300
mV
ICC
Active Mode Current in Reset
50
60
mA
XTAL1 e 16 MHz
IREF
A/D Converter Reference Current
2
5
mA
VCC e VPP e VREF e 5.5V
IIDLE
Idle Mode Current
10
25
mA
IPD
Powerdown Mode Current
5
30
m
AVCC e VPP e VREF e 5.5V
RRST
Reset Pullup Resistor
6K
50K
X
CS
Pin Capacitance (Any Pin to VSS)10
pF
FTEST e 1.0 MHz
NOTES
: (Notes apply to all specifications)
1. QBD (Quasi-bidirectional) pins include Port 1, P2.6 and P2.7.
2. Standard Outputs include AD0±15, RD,WR, ALE, BHE, INST, HSO pins, PWM/P2.5, CLKOUT, RESET, Ports 3 and 4,
TXD/P2.0 and RXD (in serial mode 0). The VOH specification is not valid for RESET. Ports 3 and 4 are open-drain outputs.
3. Standard Inputs include HSI pins, EA, READY, BUSWIDTH, NMI, RXD/P2.1, EXTINT/P2.2, T2CLK/P2.3 and T2RST/
P2.4.
4. Maximum current per pin must be externally limited to the following values if VOL is held above 0.45V or VOH is held
below VCC b 0.7V:
IOL on Output pins: 10 mA
IOH on quasi-bidirectional pins: self limiting
IOH on Standard Output pins: 10 mA
5. Maximum current per bus pin (data and control) during normal operation is g3.2 mA.
6. During normal (non-transient) conditions the following total current limits apply:
Port 1, P2.6
IOL:29mA
IOH is self limiting
HSO, P2.0, RXD, RESET IOL:29mA
IOH:26mA
P2.5, P2.7, WR, BHE
IOL:13mA
IOH:11mA
AD0±AD15
IOL:52mA
IOH:52mA
RD, ALE, INST±CLKOUT IOL:13mA
IOH:13mA
7. Typicals are based on a limited number of samples and are not guaranteed. The values listed are at room temperature
and VREF e VCC e 5V.
ICC Max e 3.88 c FREQ a 8.43
270909±5
IIDLE Max e 1.65 c FREQ a 2.2
Figure 6. ICC and IIDLE vs Frequency
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com