Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C196KB Datasheet(PDF) 21 Page - Intel Corporation

Part # 83C196KB
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C196KB Datasheet(HTML) 21 Page - Intel Corporation

Back Button 83C196KB Datasheet HTML 14Page - Intel Corporation 83C196KB Datasheet HTML 15Page - Intel Corporation 83C196KB Datasheet HTML 16Page - Intel Corporation 83C196KB Datasheet HTML 17Page - Intel Corporation 83C196KB Datasheet HTML 18Page - Intel Corporation 83C196KB Datasheet HTML 19Page - Intel Corporation 83C196KB Datasheet HTML 20Page - Intel Corporation 83C196KB Datasheet HTML 21Page - Intel Corporation 83C196KB Datasheet HTML 22Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
8XC196KB/8XC196KB16
FUNCTIONAL DEVIATIONS
Devices marked with an ‘‘E’’, ‘‘F’’ or ‘‘G’’ have the
following errata.
1. Missed Interrupt on P0.7, EXTINT
Interrupts occurring on P0.7 could be missed since
the INT_PEND EXTINT bit may not be set. See
techbit MC0893.
2. HSI_ MODE Divide-by-Eight
REVISION HISTORY
This data sheet (270909-006) is valid for devices
with an ‘‘E’’, ‘‘F’’ or ‘‘G’’ at the end of the top side
tracking number. Data sheets are changed as new
device information becomes available. Verify with
your local Intel sales office that you have the latest
version before finalizing a design or ordering devic-
es.
The following differences exist between data
sheet 270909-006 and 270909-005.
1. Removed ‘‘Word Addressable Only’’ from Port 3
and 4 in Table 2.
2. Removed ICC1, active mode current at 3.5 MHz.
This specification is not longer required.
3. Removed TLLYV and TLLGV from waveform dia-
grams.
4. The HSI errata and CMPL with R0 were removed
as this is now considered normal operation.
5. The HSI_ MODE divide-by-eight errata was add-
ed to the known errata section.
The following differences exist between this data
sheet (270909-005) and (270909-004).
1. ITL MAX was – 650 μA (270909-004). Now ITL
MAX is – 800 μA (270909-005).
2. IIL2 was named IIL1 (270909-004). Now IIL2 is
correctly named (270909-005).
3. IIL1 was omitted (270909-004). IIL1 MAX was
added. IIL1 MAX is – 850 μA (270909-005).
4. TLLYV and TLLGV (270909-004) were removed.
These timings are not required in high-speed sys-
tem designs.
5. An errata was added to the known errata section.
There is a possibility to miss an external interrupt
on P0.7 EXTINT.
The following differences exist between this data
sheet (270909-004) and (270909-003).
1. The
ROM
(80C196KB),
and
ROMless
(83C196KB) were combined with this data sheet
resulting in no specification differences.
2. The description of the prescalar bit for the A/D
has been enhanced.
3. THAHBVMIN was – 15 ns (270909-003). Now
THAHBVMIN is – 20 ns (270909-004).
4. TXHQZMAX was 1 TOSC (270909-003). Now
TXHQZMAX is 2 TOSC (270909-004). This should
have no impact on designs using synchronous
serial mode 0.
5. The change indicators for the 80C196KB are
‘‘E’’, ‘‘F’’ and ‘‘G’’. Previously there was only one
change indicator ‘‘E’’. The change indicator is
used for tracking purposes. The change indicator
is the last character in the FPO number. The FPO
number is the second line on the top side of the
device.
21
The following differences exist between this data
sheet (270909-007) and (270909-006).
1. Package prefix variables have changed.
These variables are now indicated by “
x”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com