Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C151SB Datasheet(PDF) 13 Page - Intel Corporation

Part # P87C151SB
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P87C151SB Datasheet(HTML) 13 Page - Intel Corporation

Back Button P87C151SB Datasheet HTML 9Page - Intel Corporation P87C151SB Datasheet HTML 10Page - Intel Corporation P87C151SB Datasheet HTML 11Page - Intel Corporation P87C151SB Datasheet HTML 12Page - Intel Corporation P87C151SB Datasheet HTML 13Page - Intel Corporation P87C151SB Datasheet HTML 14Page - Intel Corporation P87C151SB Datasheet HTML 15Page - Intel Corporation P87C151SB Datasheet HTML 16Page - Intel Corporation P87C151SB Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
8XC151SASB HIGH-PERFORMANCE CHMOS MICROCONTROLLER
DC CHARACTERISTICS
Parameter values apply to all devices unless otherwise indicated
Table 8 DC Characteristics at VCC e 45V b 55V
Symbol
Parameter
Min
Typical
Max
Units
Test Conditions
VIL
Input Low Voltage
b
05
02VCC b 01
V
(except EA )
VIL1
Input Low Voltage
0
02VCC b 03
V
(EA )
VIH
Input High Voltage
02VCC a 09
VCC a 05
V
(except XTAL1 RST)
VIH1
Input High Voltage
07VCC
VCC a 05
V
(XTAL1 RST)
VOL
Output Low Voltage
03
V
IOL e 100 mA
(Port 1 2 3)
045
IOL e 16 mA
10
IOL e 35 mA
(Note 1 Note 2)
VOL1
Output Low Voltage
03
V
IOL e 200 mA
(Port 0 ALE PSEN )
045
IOL e 32 mA
10
IOL e 70 mA
(Note 1 Note 2)
VOH
Output High Voltage
VCC b 03
V
IOH eb10 mA
(Port 1 2 3 ALE
VCC b 07
IOH eb30 mA
PSEN )VCC b 15
IOH eb60 mA
(Note 3)
NOTES
1 Under steady-state (non-transient) conditions IOL must be externally limited as follows
Maximum IOL per port pin
10 mA
Maximum IOL per 8-bit port
port 0
26 mA
ports 1 – 3
15 mA
Maximum Total IOL for
all output pins
71 mA
If IOL exceeds the test conditions VOL may exceed the related specification Pins are not guaranteed to sink current
greater than the listed test conditions
2 Capacitive loading on ports 0 and 2 may cause spurious noise pulses above 04V on the low-level outputs of ALE and
ports 1 2 and 3 The noise is due to external bus capacitance discharging into the port 0 and port 2 pins when these
pins change from high to low In applications where capacitive loading exceeds 100 pF the noise pulses on these
signals may exceed 08V It may be desirable to qualify ALE or other signals with a Schmitt trigger or CMOS-level input
logic
3 Capacitive loading on ports 0 and 2 causes the VOH on ALE and PSEN
to drop below the specification when the
address lines are stabilizing
4 Typical values are obtained using VCC e 50 TA e 25 C and are not guaranteed
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com