Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC-DEV-ISE2 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC-DEV-ISE2
Description  High-Performance Communications MicroController
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC-DEV-ISE2 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button HPC-DEV-ISE2 Datasheet HTML 22Page - National Semiconductor (TI) HPC-DEV-ISE2 Datasheet HTML 23Page - National Semiconductor (TI) HPC-DEV-ISE2 Datasheet HTML 24Page - National Semiconductor (TI) HPC-DEV-ISE2 Datasheet HTML 25Page - National Semiconductor (TI) HPC-DEV-ISE2 Datasheet HTML 26Page - National Semiconductor (TI) HPC-DEV-ISE2 Datasheet HTML 27Page - National Semiconductor (TI) HPC-DEV-ISE2 Datasheet HTML 28Page - National Semiconductor (TI) HPC-DEV-ISE2 Datasheet HTML 29Page - National Semiconductor (TI) HPC-DEV-ISE2 Datasheet HTML 30Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Part Selection
The HPC family includes devices with many different op-
tions and configurations to meet various application needs
The number HPC46400E has been generally used through-
out this datasheet to represent the whole family of parts
The following chart explains how to order various options
available when ordering HPC family members
Note
All options may not currently be available
HPC46400E
V
20
Speed In MHz
Package Type
V e Plastic Chip Carrier
(PLCC)
VHG e Plastic Quad Flat Pack
(PQFP)
Temperature
4 e Commercial (0 CTO
a
70 C)
3 e Industrial (b40 Cto
a
85 C)
FIGURE 15 HPC Family Part Numbering Scheme
EXAMPLES
HPC46400EV20Commercial temp (0 to a70 C) PLCC
HPC36400EV20Industrial temp (b40 Cto a85 C) PLCC
Development Support
HPC MICROCONTROLLER DEVELOPMENT SYSTEM
The HPC microcontroller development system is an in-sys-
tem emulator (ISE) designed to support the entire family of
HPC Microcontrollers The complete package of hardware
and software tools combined with a host system provides a
powerful system for design development and debug of HPC
based designs Software tools are available for IBM
PC-AT
(MS-DOS PC-DOS) and for UNIX
based multi-
user Sun SPARCstation (SunOSTM)
The stand alone unit comes complete with a power supply
and external emulation POD This unit can be connected to
various host systems through an RS-232 link The software
package includes an ANSI compatible C-Compiler Linker
Assembler and librarian package Source symbolic debug
capability is provided through a user friendly MS-windows
30 interface for IBM PC-AT environment and through a line
debugger under Sunview for Sun SPARCstations
The ISE provides fully transparent in-system emulation at
speeds up to 20 MHz 1 waitstate A 2K word (48-bit wide)
trace buffer gives trace trigger and non intrusive monitoring
of the system External triggering is also available through
an external logic interface socket on the POD Comprehen-
sive on-line help and diagnostics features reduce user’s de-
sign and debug time 8 hardware breakpoints (Address
range) 64 kbytes of user memory and break on external
events are some of the other features offered
Hewlett Packard model HP64775 EmulatorAnalyzer pro-
viding in-system emulation for up to 30 MHz 1 waitstate is
also available Contact your local sales office for technical
details and support
Development Tools Selection Table
Product
Order
Description
Included
Manual Number
Part Number
HPC46400E
HPC-DEV-ISE2
HPC In-System Emulator
HPC MDS User’s Manual
420420184-001
HPC-DEV-ISE2-E
HPC In-System Emulator
HPC46400E User’s Manual
420420213-001
for Europe and South East Asia
HPC-DEV-IBMA
AssemblerLinker
HPC AssemblerLinker
Library Package for IBM PC-AT
Librarian User’s Manual for IBM PC-AT 424410836-001
HPC-DEV-IBMC
C CompilerAssembler
HPC C Compiler User’s Manual
424410883-001
LinkerLibrary Package for IBM PC-AT HPC AssemblerLinkerLibrarian
424410836-001
User’s Manual
HPC-DEV-WDBC
Source Symbolic Debugger
HPC Source Symbolic Debugger
424420189-001
for IBM PC-AT
User’s Manual
C CompilerAssemblerLinker
HPC C Compiler User’s Manual
424410883-001
Library Package for IBM PC-AT
HPC AssemblerLinkerLibrarian
424410836-001
User’s Manual
HPC-DEV-SUNC
C CompilerAssemblerLinker
HPC C Compiler User’s Manual
424410883-001
Library Package for Sun
HPC AssemblerLinkerLibrary
424410836-001
SPARCstation
User’s Manual
HPC-DEV-SUNDB SourceSymbolic Debugger
SourceSymbolic Debugger
424420189-001
C CompilerAssemblerLinker
User’s Manual
Library Package for
HPC C Compiler User’s Manual
424410883-001
Sun SPARCstation
HPC AssemblerLinkerLibrary
424410836-001
User’s Manual
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com