Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC-DEV-IBMA Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC-DEV-IBMA
Description  High-Performance Communications MicroController
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC-DEV-IBMA Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button HPC-DEV-IBMA Datasheet HTML 9Page - National Semiconductor (TI) HPC-DEV-IBMA Datasheet HTML 10Page - National Semiconductor (TI) HPC-DEV-IBMA Datasheet HTML 11Page - National Semiconductor (TI) HPC-DEV-IBMA Datasheet HTML 12Page - National Semiconductor (TI) HPC-DEV-IBMA Datasheet HTML 13Page - National Semiconductor (TI) HPC-DEV-IBMA Datasheet HTML 14Page - National Semiconductor (TI) HPC-DEV-IBMA Datasheet HTML 15Page - National Semiconductor (TI) HPC-DEV-IBMA Datasheet HTML 16Page - National Semiconductor (TI) HPC-DEV-IBMA Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
HPC46400E Interrupts
Complex interrupt handling is easily accomplished by the
HPC46400E’s vectored interrupt scheme There are eight
possible interrupt sources as shown in Table I
TABLE I Interrupts
Vector
Interrupt Source
Arbitration
Address
Ranking
FFFF
lFFFE
Reset
0
FFFD
lFFFC
Nonmaskable Ext (NMI)
1
FFFB
lFFFA
External on I2
2
FFF9
lFFF8
External on I3
3
FFF7
lFFF6
External on I4
4
FFF5
lFFF4
Internal on Timers
5
FFF3
lFFF2
Internal on UART
6
FFF1
lFFF0
End of Message (EOM)
7
The HPC46400E contains arbitration logic to determine
which interrupt will be serviced first if two or more interrupts
occur simultaneously Interrupts are serviced after the cur-
rent instruction is completed except for the RESET which is
serviced immediately
The NMI interrupt will immediately stop DMA activity Byte
transfers in progress will finish thereby allowing an orderly
transition to the interrupt service vector (see DMA descrip-
tion) The HDLC channels continue to operate and the user
must service data errors that might have occurred during
the NMI service routine
Interrupt Processing
Interrupts are serviced after the current instruction is com-
pleted except for the RESET which is serviced immediately
RESET holds on-chip logic in a reset state while low and
triggers the RESET interrupt on its rising edge All other
interrupts are edge-sensitive NMI is positive-edge sensitive
The external interrupts on I2 I3 and I4 can be software
selected to be rising or falling edge sensitive
Interrupt Control Registers
The HPC46400E allows the various interrupt sources and
conditions to be programmed This is done through the vari-
ous control registers A brief description of the different con-
trol registers is given below
INTERRUPT ENABLE REGISTER (ENIR)
RESET and the External Interrupt on I1 are non-maskable
interrupts The other interrupts can be individually enabled
or disabled Additionally a Global Interrupt Enable Bit in the
ENIR Register allows the Maskable interrupts to be collec-
tively enabled or disabled Thus in order for a particular
interrupt to request service both the individual enable bit
and the Global Interrupt bit (GIE) have to be set
INTERRUPT PENDING REGISTER (IRPD)
The IRPD register contains a bit allocated for each interrupt
vector The occurrence of specified interrupt trigger condi-
tions causes the appropriate bit to be set There is no indi-
cation of the order in which the interrupts have been re-
ceived The bits are set independently of the fact that the
interrupts may be disabled IRPD is a ReadWrite register
The bits corresponding to the external interrupts are normal-
ly cleared by the HPC46400E upon entering the interrupt
servicing routine
For the interrupts from the on-board peripherals the user
has the responsibility of acknowledging the interrupt
through software
INTERRUPT CONDITION REGISTER (IRCD)
Three bits of the register select the input polarity of the
external interrupt on I2 I3 and I4
Servicing the Interrupts
The Interrupt once acknowledged pushes the program
counter (PC) onto the stack thus incrementing the stack
pointer (SP) twice The Global Interrupt Enable (GIE) bit is
reset thus disabling further interrupts The program counter
is loaded with the contents of the memory at the vector
address and the processor resumes operation at this point
At the end of the interrupt service routine the user does a
RETI instruction to pop the stack set the GIE bit and return
to the main program The GIE bit can be set in the interrupt
service routine to nest interrupts if desired
Figure 10 shows
the Interrupt Enable Logic
Reset
The RESET input initializes the processor and sets all pins
at TRI-STATE except CK0 CK2 and WO HBE and ST2
have pull-downs designed to withstand override RESET is
an active-low Schmitt trigger input The processor vectors to
FFFFFFFE and resumes operation at the address con-
tained at that memory location
The RESET pin must be asserted low for at least 16 cycles
of the CK2 clock In applications using the WATCHDOG
feature RESET should be asserted for at least 64 cycles of
the CK2 clock
On application of power RESET must be held low for at
least five times the power supply rise time to ensure that the
on-chip oscillator circuit has time to stabilize
Timer Overview
The HPC46400E contains a powerful set of flexible timers
enabling the HPC46400E to perform extensive timer func-
tions not usually associated with microcontrollers
The HPC46400E contains four 16-bit timers Three of the
timers have an associated 16-bit register Timer T0 is a free-
running timer counting up at a fixed CKI16 (Clock Input
16) rate It is used for WATCHDOG logic high speed event
capture and to exit from the IDLE mode Consequently it
cannot be stopped or written to under software control Tim-
er T0 permits precise measurements by means of the cap-
ture registers I2CR I3CR and I4CR A control bit in the
register T0CON configures timer T1 and its associated reg-
ister R1 as capture registers I3CR and I2CR The capture
registers I2CR I3CR and I4CR respectively record the val-
ue of timer T0 when specific events occur on the interrupt
pins I2 I3 and I4 The control register IRCD programs the
capture registers to trigger on either a rising edge or a falling
edge of its respective input The specified edge can also be
programmed to generate an interrupt (see
Figure 11 )
The timers T2 and T3 have selectable clock rates The
clock input to these two timers may be selected from the
following two sources an external pin or derived internally
by dividing the clock input Timer T2 has additional capabili-
ty of being clocked by the timer T3 underflow This allows
the user to cascade timers T3 and T2 into a 32-bit timer
counter The control register DIVBY programs the clock in-
put to timers T2 and T3 (see
Figure 12 )
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com