Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC-DEV-SUNDB Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC-DEV-SUNDB
Description  High-Performance Communications MicroController
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC-DEV-SUNDB Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button HPC-DEV-SUNDB Datasheet HTML 4Page - National Semiconductor (TI) HPC-DEV-SUNDB Datasheet HTML 5Page - National Semiconductor (TI) HPC-DEV-SUNDB Datasheet HTML 6Page - National Semiconductor (TI) HPC-DEV-SUNDB Datasheet HTML 7Page - National Semiconductor (TI) HPC-DEV-SUNDB Datasheet HTML 8Page - National Semiconductor (TI) HPC-DEV-SUNDB Datasheet HTML 9Page - National Semiconductor (TI) HPC-DEV-SUNDB Datasheet HTML 10Page - National Semiconductor (TI) HPC-DEV-SUNDB Datasheet HTML 11Page - National Semiconductor (TI) HPC-DEV-SUNDB Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Timing Waveforms (Continued)
Serial Decoder Timing Diagram (Mode 2)
TLDD10422 – 14
Symbol
Parameter
Min
Max
Comments
Units
TPFS
Number of HCK1 Periods between FS Falling Edges
34
TAFS
Number of HCK1 Rising Edges during FS Low
1
32
TEFS
Hold of FS High after HCK1 Rising Edge
10
Early FS
ns
TLFS
Setup of FS Falling Edge before HCK1 Rising Edge
20
Late FS (Note 8)
ns
TVFC
Delay of TX Output Valid after HCK1 Rising Edge
60
(Note 7)
ns
THFS
Hold of FS Low after HCK1 Rising Edge
20
ns
TSFS
Setup of FS Rising Edge before HCK1 Rising Edge
20
ns
TTTC
Delay of TX output TRI-STATE after HCK1 Rising Edge
40
ns
TVFR
TVFC in Rate Adaptation Mode
75
ns
Serial Decoder Timing Diagram (Modes 3 4)
TLDD10422 – 15
Symbol
Parameter
Min
Max
Comments
Units
TPFS
Number of HCK1 Periods between FS Rising Edges
64
SD Mode 3
TPFS
Number of HCK1 Periods between FS Rising Edges
32
SD Mode 4
TAFS
Number of HCK1 Falling Edges during FS High
2
62
SD Mode 3
TAFS
Number of HCK1 Falling Edges during FS High
2
30
SD Mode 4
TEFS
Hold of FS Low after HCK1 Falling Edge
10
Early FS
ns
TLFS
Setup of FS Rising Edge before HCK1 Falling Edge
45
Late FS (Note 8)
ns
TVFS
Delay of TX Output Valid after HCK1 and FS Rising Edges
70
(Note 9)
ns
THFS
Hold of FS High after HCK1 Falling Edge
20
ns
TSFS
Setup of FS Falling Edge before HCK1 Rising Edge
20
ns
TTTC
Delay of TX output TRI-STATE after HCK1 Rising Edge
40
ns
Note 7
This spec is for 1st bit only Remaining bits are spec’d by transmitter TVTC spec
Note 8
Receiver specs TVRS and TVRH are required along with TLFS for receiver operation using serial decoder
Note 9
This spec is for 1st bit only and is measured from the later of either FS or HCK1 rising edge Remaining bits are spec’d from HCK1 rising edges by
transmitter TVTC spec
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com