Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6650 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6650
Description  Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6650 Datasheet(HTML) 3 Page - Linear Technology

  LT6650 Datasheet HTML 1Page - Linear Technology LT6650 Datasheet HTML 2Page - Linear Technology LT6650 Datasheet HTML 3Page - Linear Technology LT6650 Datasheet HTML 4Page - Linear Technology LT6650 Datasheet HTML 5Page - Linear Technology LT6650 Datasheet HTML 6Page - Linear Technology LT6650 Datasheet HTML 7Page - Linear Technology LT6650 Datasheet HTML 8Page - Linear Technology LT6650 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT6650
3
6650f
∆VDO
Dropout Voltage (Note 7)
Referred to VIN = 1.8V, VOUT = 1.4V
(RF = 100k, RG = 39.2k)
∆VOUT = –0.1%, IOUT = 0µA
75
100
mV
q
150
mV
∆VOUT = –0.1%, IOUT = –200µA Sourcing
165
250
mV
q
350
mV
∆VOUT = –0.1%, IOUT = 200µA Sinking (Note 11)
–300
–150
mV
q
0mV
ISC
Short-Circuit Output Current
VOUT Shorted to GND
5
mA
VOUT Shorted to VIN
9mA
IIN
Supply Current
5.6
11
µA
q
14
µA
VIN = 18V
5.9
12
µA
q
15
µA
IFB
FB Pin Input Current
VFB = VOUT = 400mV
1.2
10
nA
LT6650CS5, LT6650IS5
q
15
nA
LT6650HS5
q
30
nA
TON
Turn-On Time
CLOAD = 1µF
0.5
ms
en
Output Noise (Note 8)
0.1Hz
≤ ƒ ≤ 10Hz
20
µVP-P
10Hz
≤ ƒ ≤ 1KHz, IOUT = –200µA Sourcing
23
µVRMS
VHYS
Hysteresis (Note 9)
∆T = 0°C to 70°C
q
0.1
mV
q
250
ppm
∆T = –40°C to 85°C
q
0.24
mV
q
600
ppm
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The FB pin is protected by an ESD diode to the ground. If the FB
input voltage exceeds –0.3V below ground, the FB input current should be
limited to less than 10mA. If the FB input voltage is greater than 5V, the FB
input current is expected to meet specified performance from Typical
Performance Characteristics but is not tested or QA sampled at this
voltage.
Note 3: If the part is operating at temperatures above 85
°C, it is
recommended to enhance the stability margin by using an output
capacitor greater than 10
µF or a series RC combination having a 100µs
equivalent time constant. See Application section for details.
Note 4: If the part is stored outside of the specified temperature range, the
output voltage may shift due to hysteresis.
Note 5: ESD (Electrostatic Discharge) sensitive devices. Extensive use of
ESD protection devices are used internal to the LT6650; however, high
electrostatic discharge can damage or degrade the device. Use proper ESD
handling precautions.
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, CIN = 1µF, FB = OUT, no DC load, CL = 1µF, unless
otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 6: Load regulation is measured on a pulse basis from no load to the
specified load current. Output changes due to die temperature change
must be taken into account separately.
Note 7: Dropout Voltage is (VIN – VOUT) when VOUT falls to 0.1% below its
nominal value at VIN = 1.8V.
Note 8: Peak-to-Peak noise is measured with a single pole highpass filter
at 0.1Hz and a 2-pole lowpass filter at 10Hz. The unit is enclosed in a still
air environment to eliminate thermocouple effects on the leads. The test
time is 10 seconds.
Note 9: Hysteresis in the output voltage is created by package stress that
differs depending on whether the IC was previously at a higher or lower
temperature. Output voltage is always measured at 25
°C, but the IC is
cycled to 85
°C or –40°C before a successive measurement. Hysteresis is
roughly proportional to the square of the temperature change.
Note 10: Temperature coefficient is measured by dividing the change in
output voltage by the specified temperature range.
Note 11: This feature guarantees the shunt mode operation of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com