Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3931ISQ Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3931ISQ
Description  Dual RGB LED Driver with High Current Boost DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3931ISQ Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LP3931ISQ Datasheet HTML 5Page - National Semiconductor (TI) LP3931ISQ Datasheet HTML 6Page - National Semiconductor (TI) LP3931ISQ Datasheet HTML 7Page - National Semiconductor (TI) LP3931ISQ Datasheet HTML 8Page - National Semiconductor (TI) LP3931ISQ Datasheet HTML 9Page - National Semiconductor (TI) LP3931ISQ Datasheet HTML 10Page - National Semiconductor (TI) LP3931ISQ Datasheet HTML 11Page - National Semiconductor (TI) LP3931ISQ Datasheet HTML 12Page - National Semiconductor (TI) LP3931ISQ Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Magnetic Boost DC/DC Converter (Continued)
Boost Converter Topology
20117310
Magnetic Boost DC/DC Converter Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
LOAD
Load Current
3.0V
≤ V
IN
≤ 4.5V
V
OUT (FB) = 5V
0
300
mA
V
FB
Voltage Accuracy at FB Pin
(Boost Converter Output
Voltage Accuracy)
1mA
≤ I
SW
≤ 300 mA
3.0V
≤ V
IN
≤ V (FB) – 0.5
V(FB)=5V
−5
+5
%
Voltage at FB Pin
(Boost Converter Output
Voltage)
1mA
≤ I
SW
≤ 300 mA
3.0V < V
IN < 5V +
V
(SCHOTTKY)
5V
1mA
≤ I
SW
≤ 300 mA
V
IN > 5V+V(SCHOTTKY)
V
IN –V(SCHOTTKY)
V
RDS
ON
Switch ON Resistance
V
DD1,2 = 2.775V, ISW =
0.5A
0.4
0.7
Ω
f
PWF
PWM Mode Switching
Frequency
RT=82k
Ω
1
MHz
Frequency Accuracy
2.65
≤ V
DD1,2
≤ 2.9
−6
±3+6
%
RT=82k
Ω
−9
+9
t
STARTUP
Startup Time
From NSTBY and
EN_BOOST
0-> 1 transition
25
ms
I
CL_OUT
SW Pin Current Limit
670
800
915
mA
530
995
Boost Standby Mode
User can set the Boost Converter to STANDBY mode by writing the register bit EN_BOOST low. When EN_BOOST is written
high, the converter waits for 10 ms for the internal voltages and currents to stabilize and then starts for 10 ms in PFM mode and
then goes to PWM mode.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com