Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6650CS5 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6650CS5
Description  Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6650CS5 Datasheet(HTML) 2 Page - Linear Technology

  LT6650CS5 Datasheet HTML 1Page - Linear Technology LT6650CS5 Datasheet HTML 2Page - Linear Technology LT6650CS5 Datasheet HTML 3Page - Linear Technology LT6650CS5 Datasheet HTML 4Page - Linear Technology LT6650CS5 Datasheet HTML 5Page - Linear Technology LT6650CS5 Datasheet HTML 6Page - Linear Technology LT6650CS5 Datasheet HTML 7Page - Linear Technology LT6650CS5 Datasheet HTML 8Page - Linear Technology LT6650CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT6650
2
6650f
Total Supply Voltage (VIN to GND)........................... 20V
FB Voltage (Note 2) ....................... 20V to (GND – 0.3V)
Output Voltage (OUT) .................... 20V to (GND – 0.3V)
Output Short Circuit Duration .......................... Indefinite
FB Input Current ................................................... 10mA
Operating Temperature Range ............... –40
°C to 125°C
Specified Temperature Range
LT6650CS5 ............................................. 0
°C to 70°C
LT6650IS5 ........................................... –40
°C to 85°C
LT6650HS5 (Note 3) ......................... –40
°C to 125°C
Maximum Junction Temperature .......................... 150
°C
Storage Temperature Range
(Note 4) ............................................. –65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
S5 PART
MARKING
TJMAX = 150°C, θJA = 230°C/W
The temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LBDV
LT6650CS5
LT6650IS5
LT6650HS5
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, CIN = 1µF, FB = OUT, no DC load, CL = 1µF, unless
otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage (Notes 4, 5)
LT6650
398
400
402
mV
–0.5
0.5
%
LT6650CS5
q
397
400
403
mV
q
–0.75
0.75
%
LT6650IS5
q
396
400
404
mV
q
–1
1
%
LT6650HS5
q
394
400
406
mV
q
–1.5
1.5
%
VIN
Operating Input Voltage
1.4
18
V
∆VOUT/∆VIN
Line Regulation
1.4V
≤ VIN ≤ 18V
16
mV
150
900
ppm/V
LT6650CS5, LT6650IS5
q
7.5
mV
q
1130
ppm/V
LT6650HS5
q
8.5
mV
q
1280
ppm/V
∆VOUT/∆IOUT
Load Regulation (Note 6)
Sourcing from 0
µA to –200µA
–0.04
–0.2
mV
500
2500
ppm/mA
q
–0.4
mV
q
5000
ppm/mA
Sinking from 0
µA to 200µA
0.24
1
mV
3000
12500
ppm/mA
q
2mV
q
20000
ppm/mA
TC
Output Voltage Temperature
q
30
ppm/
°C
Coefficient (Note 10)
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
1
2
3
FB
GND
DNC*
5
4
OUT
IN
*Do Not Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com