Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

155708 Datasheet(PDF) 1 Page - Adels-Contact

Part # 155708
Description  RIAC BU/ 8
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

155708 Datasheet(HTML) 1 Page - Adels-Contact

  155708 Datasheet HTML 1Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12/11/2019
Connectors System AC 166®
Panel Mounting
RIAC BU/ 8
Socket, 8 pole, black, Wall Thickness min.: 0.5 mm, Wall Thickness
max.: 1.0 mm, Voltage Rating: 400 V, Current Rating: 16 A, Cross-
Section: 2.5 mm², Connection Type: screwless
Order Info
Reference Number (ref. no.)
155708
Applications
Lighting, Electrical Appliances
PU
150
Type
Type
Socket
Number of poles
8 pole
Clamping Units per Pole
2
Colour
black
Cross-Section
2.5 mm²
Connection Type
screwless
PE Function
yes
Protection Against Incorrect Plugging
yes
Technical Data
Voltage Rating
400 V
Current Rating
16 A
Insulating Material
PA 6.6
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
2.5 mm²
Impulse Voltage Rating
4.0 kV
Flammability Rating
V-2
max. Ambient Temperature Operation
100 °C
IP Code
IP20
IP Code when Plugged
IP40
Type of Conductor Solid
yes
Stripping Length
8.0-9.0 mm
Wall Thickness min.
0.5 mm
Wall Thickness max.
1.0 mm
Approbation EN61984
RIAC_EST8_EBU8_EN61984_20030325_20190529_VDE_40005667_web.pdf


Similar Part No. - 155708

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15570 ETC-15570 Datasheet
183Kb / 2P
HEYClip??Nylon Push Screws
logo
Heyco.
15570 HEYCO-15570 Datasheet
114Kb / 2P
Nylon Push Screws – HPLP Series
logo
Weidmuller
1557060000 WEIDMULLER-1557060000 Datasheet
95Kb / 5P
BLZ 5.08/5/90B SN SW
1557060000 WEIDMULLER-1557060000 Datasheet
95Kb / 5P
BLZ 5.08/5/90B SN OR
1557060000 WEIDMULLER-1557060000 Datasheet
95Kb / 5P
BLZ 5.08/6/90B SN OR
More results

Similar Description - 155708

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-49 ETC2-BU-49 Datasheet
147Kb / 1P
Insulator for BU??8, BU??0, BU??1 and BU??5 Series Clips
logo
PHOENIX CONTACT
3029318 PHOENIX-3029318 Datasheet
53Kb / 3P
Marshalling distributors - ZRV 8 BU
logo
Adels-Contact
155608 ADELS-155608 Datasheet
120Kb / 1P
RIAC ST/ 8
12/11/2019
logo
PHOENIX CONTACT
0711823 PHOENIX-0711823 Datasheet
42Kb / 2P
Fixed bridge - FBRI 2-8 N SO BU/BU
logo
Adels-Contact
151468 ADELS-151468 Datasheet
117Kb / 1P
160 BU/ 8 natural
30/12/2019
151568 ADELS-151568 Datasheet
117Kb / 1P
160 BU/ 8 DS natural
30/12/2019
logo
PHOENIX CONTACT
3201364 PHOENIX-3201364 Datasheet
45Kb / 3P
Ferrule - AI 0,25- 8 BU
3270136 PHOENIX-3270136 Datasheet
929Kb / 35P
Marshalling panel - PTRV 8 BU/BU
Jun 2, 2022
3270233 PHOENIX-3270233 Datasheet
929Kb / 36P
Marshalling panel - PTRV 8 /BU
Jun 2, 2022
3270190 PHOENIX-3270190 Datasheet
929Kb / 35P
Marshalling panel - FTRV 8 BU/BU
Jun 15, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com