Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWS2000 Datasheet(PDF) 2 Page - TEKTRONIX, INC.

Part # PWS2000
Description  DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

PWS2000 Datasheet(HTML) 2 Page - TEKTRONIX, INC.

  PWS2000 Datasheet HTML 1Page - TEKTRONIX, INC. PWS2000 Datasheet HTML 2Page - TEKTRONIX, INC. PWS2000 Datasheet HTML 3Page - TEKTRONIX, INC. PWS2000 Datasheet HTML 4Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
Generate the Voltage or Current You Need
With wide current and voltage ranges, plus 10 mA and 10 mV resolution,
the PWS2000 Power Supply Series satisfies a wide variety of applications.
Low-noise linear regulation and 0.05% voltage accuracy provide the clean,
accurate power you need at a price you can afford.
Prevent Damaged Circuits and Lost Test Time
The numeric keypad makes it easy to specify a precise current limit before
you start your test. You can also specify a maximum output voltage, which
will prevent accidental voltage settings above the specified maximum.
Auser-definable password allows you to lock the front panel to prevent
unwanted adjustments during critical tests.
Designed to Make Your Work Easier
The PWS2000 Power Supply Series is designed with the ease-of-use and
familiar operation you expect from Tektronix.
Intuitive Operation
The direct-entry numeric keypad makes it easy to enter precise voltage and
current values. Up/Down controls, with variable step-size, allow you vary
output parameters in an increment size you choose.
Bright Display
A bright vacuum fluorescent display with large digits provides excellent
readability at a distance, at an angle, or under dim lighting conditions.
Setup Memories
You can save your instrument settings in one of the 20 internal memory
locations by simply pressing the Save button. Each time you want to recall
that setting, just push the Recall button and choose the desired preset.
Performance You Can Count On
In addition to industry-leading service and support, the PWS2000 Power
Supply Series comes backed with a three-year standard warranty.
Characteristics
Electrical
Specifications
PWS2185
PWS2323
PWS2326
PWS2721
DC Output Rating
Voltage
0 to 18 V
0 to 32 V
0 to 32 V
0 to 72 V
Current
0to5A
0 to3 A
0 to6A
0 to 1.5 A
Load Regulation
Voltage
≤0.02% + 5 mV
≤0.02% + 5 mV
≤0.04% + 6 mV
≤0.02% + 4 mV
Current
≤0.1
% +2 mA typical
Line Regulation
Voltage
≤0.1
% +5mV
Current
≤0.1
% +2 mA typical
Ripple andNoise (20Hzto7MHz)
Voltage
≤1mVRMS /3 mVp-p
Current
≤5mARMS
Setting Resolution
Voltage
10 mV
Current
10 mA
Setting Accuracy, (25 °C ± 5 °C)
Voltage
≤0.05% + 10 mV
Current
≤0.2
% +10mA
Readback Resolution
Voltage
10 mV
<20 V: 10 mV
≥20 V: 100 mV
Current
10 mA
Readback Accuracy, (25 °C ± 5 °C)
Voltage
≤0.05% + 15 mV
<20 V: ≤0.05% + 15 mV
≥20 V: ≤0.05% + 120 mV
Current
≤0.1
% +15mA
2 www.tektronix.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com