Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM240128DFW Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM240128DFW
Description  LCD Module User Manual
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM240128DFW Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM240128DFW Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM240128DFW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM240128DFW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM240128DFW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM240128DFW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM240128DFW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM240128DFW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM240128DFW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM240128DFW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TOPWAY
LCD Module User Manual
LM240128DFW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM240128DFW-Manual-Rev0.1
Page: 4 of 12
1.4
Terminal Functions
K1
Pin No.
PIN
Name
I/O
Descriptions
1
FG
Power
Frame Ground, connect to VSS if necessary
2
VSS
Power
Negative power supply,0V
3
VDD
Power
Positive power supply
4
NC
-
No connection, leave open
5
/WR
Input
/WR=L H, /RD=H;
Data or Instruction latch into the LCD module
6
/RD
Input
/WR=H, /RD=L;
Data or Status read form the LCD module
7
/CS
Input
Chip Select
/CS=L, enable access to the LCD module
/CS=H, disable access to the LCD module
8
C/D
Input
Register Select
C/D = H, Transferring the Display Data
C/D = L, Transferring the Control Data
9
NC
-
No connection, leave open
10
/RST
Input
Reset signal
/RST = L, Initialization is executed
/RST = H, Normal running.
11
DB0
:
:
18
DB7
I/O
8-bit Data bus;
Three state I/O terminal for display data or instruction data
when /CS0=H,
DB0~DB7=High Impedance
19
NC
-
No connection, leave open
20
NC
-
No connection, leave open
21
BLA
Power
Positive power for LED backlight
22
BLK
Power
Negative power for LED backlight



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com