Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

165073RO Datasheet(PDF) 1 Page - Adels-Contact

Part # 165073RO
Description  AC 166 GBU/315 SK II RO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

165073RO Datasheet(HTML) 1 Page - Adels-Contact

  165073RO Datasheet HTML 1Page - Adels-Contact 165073RO Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12/11/2019
Connectors System AC 166®
Plug and Socket Connectors Tall Version
AC 166 GBU/315 SK II RO
Socket, 3 pole, dark grey, Coding: 7 (SK II), Voltage Rating: 250 V,
Current Rating: 20 A, Cross-Section: 1.5 mm², Connection Type: Screw
Order Info
Reference Number (ref. no.)
165073RO
Applications
Lighting, Installation
PU
200
EAN
4028012111985
Type
Type
Socket
Number of poles
3 pole
Clamping Units per Pole
1
Colour
dark grey
Coding
7 (SK II)
Cross-Section
1.5 mm²
Connection Type
Screw
Protection Against Incorrect Plugging
yes
Strain Relief Type
RO
Technical Data
Voltage Rating
250 V
Current Rating
20 A
Insulating Material
PA 6.6
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
2.5 mm²
Impulse Voltage Rating
4.0 kV
Schutzklasse
SK II
Flammability Rating
V-2
max. Ambient Temperature Operation
70 °C
IP Code
IP20
IP Code when Plugged
IP40
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes


Similar Part No. - 165073RO

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
165073 FESTO-165073 Datasheet
94Kb / 2P
Shut off valve
More results

Similar Description - 165073RO

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
162073RH ADELS-162073RH Datasheet
122Kb / 2P
AC 166 GST/315 SK II RH
12/11/2019
162083RH ADELS-162083RH Datasheet
122Kb / 2P
AC 166 GST/325 SK II RH
12/11/2019
165003 ADELS-165003 Datasheet
124Kb / 3P
AC 166 GBU/ 3 pebble grey
12/11/2019
165043 ADELS-165043 Datasheet
126Kb / 3P
AC 166 GBU/ 3 pastel blue
12/11/2019
165053 ADELS-165053 Datasheet
123Kb / 3P
AC 166 GBU/ 3 white
12/11/2019
165054 ADELS-165054 Datasheet
123Kb / 2P
AC 166 GBU/ 4 white
12/11/2019
165063 ADELS-165063 Datasheet
126Kb / 3P
AC 166 GBU/ 3 black
12/11/2019
165064 ADELS-165064 Datasheet
126Kb / 2P
AC 166 GBU/ 4 black
12/11/2019
165083RO ADELS-165083RO Datasheet
122Kb / 2P
AC 166 GBU/325 SK II RO
12/11/2019
165093 ADELS-165093 Datasheet
127Kb / 3P
AC 166 GBU/ 3 brown
12/11/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com