Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM320240CFW Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM320240CFW
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM320240CFW Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM320240CFW Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM320240CFW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM320240CFW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM320240CFW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM320240CFW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM320240CFW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM320240CFW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM320240CFW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM320240CFW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TOPWAY
LCD Module User Manual
LM320240CFW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM320240CFW-Manual-Rev0.1.doc
Page: 4 of 11
1.4
Terminal Functions
Pin
No.
Pin
Name
I/O
Descriptions
1
VSS
Power
0V Power Supply, GND
2
VDD
Power
Positive Power Supply
3
V0
Input
LCD Contrast Reference Input
4
/WR
Input
Write enable input, active LOW
5
/RD
Input
Read enable input, active LOW
6
/CS
Input
Chip Select Signal
/CS=LOW: Data IO is enabled
7
A0
Input
Data Type Select
A0=H: command write, display data or cursor add read
A0=L: status flag read, display data or parameter write
8
/RES
Input
Reset Signal:
/RES = L, Reset the LCD Module
/RES = H, Normal Running
9
DB0
:
:
16
DB7
I/O
8-bit bi-directional data bus
17
BLA
Power
Backlight Supply
18
VOUT
Power
Power Booster Output for V0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com