Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A23L3616V Datasheet(PDF) 2 Page - AMIC Technology

Part # A23L3616V
Description  8M X 16 / 16M X 8 BIT CMOS MASK ROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L3616V Datasheet(HTML) 2 Page - AMIC Technology

  A23L3616V Datasheet HTML 1Page - AMIC Technology A23L3616V Datasheet HTML 2Page - AMIC Technology A23L3616V Datasheet HTML 3Page - AMIC Technology A23L3616V Datasheet HTML 4Page - AMIC Technology A23L3616V Datasheet HTML 5Page - AMIC Technology A23L3616V Datasheet HTML 6Page - AMIC Technology A23L3616V Datasheet HTML 7Page - AMIC Technology A23L3616V Datasheet HTML 8Page - AMIC Technology A23L3616V Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
A23L3616/A23L36161 Series
Preliminary
8M X 16 / 16M X 8 BIT CMOS MASK ROM
PRELIMINARY
(November, 2004, Version 0.2)
1
AMIC Technology, Corp.
A21
A18
A17
A7
A6
A5
A4
A3
A2
A1
CE
OE
O0
O14
O8
O7
O15
GND
A22
A15
A14
A12
A11
A10
A9
A8
A19
A20
A13
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
A0
GND
O1
O9
O2
O10
O3
17
18
19
20
21
A16
O6
O13
O5
O12
O4
28
27
26
25
24
22
O11
VCC
23
Features
8M x 16 bit or 16M x 8 bit organization
Supply voltage range: 2.7V~3.6V
Access time: 100ns (max.)/3.0V~3.6V
120ns (max.)/2.7V~3.6V
Current: Operating: 40mA (typ.)/3.3V
Standby:
10
µA (typ.)/3.3V
Three-state outputs for wired-OR expansion
Full static operation
All inputs and outputs are directly TTL-compatible
Available in 44-pin SOP, 48-pin TSOP (forward,
reverse type and flash memory’s pinouts compatible)
packages
Pinout compatible with flash type (A23L36161)
Pin Configurations
SOP
TSOP (forward type)
TSOP (reverse type)
A23L3616V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A16
A15
A14
A13
A12
A11
A10
A8
A19
A21
A20
A18
A17
A7
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
O10
O3
O11
A22
VCC
VCC
O4
O12
O5
O13
O6
O14
O7
O15/A-1
GND
GND
BYTE
A9
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
O2
O9
O1
O8
O0
OE
GND
GND
A6
A5
A4
A3
A2
A1
A0
CE
A23L3616R
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
GND
O15/A-1
O7
O14
O6
O13
O5
O4
VCC
VCC
A22
O11
O3
O10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A7
A17
A18
A20
A21
A19
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE
GND
O12
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A6
A5
A4
A3
A2
A1
A0
CE
O2
O9
O1
O8
O0
OE
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com