Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A23L8316V Datasheet(PDF) 2 Page - AMIC Technology

Part # A23L8316V
Description  256K X 16 / 512K X 8 BIT CMOS MASK ROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L8316V Datasheet(HTML) 2 Page - AMIC Technology

  A23L8316V Datasheet HTML 1Page - AMIC Technology A23L8316V Datasheet HTML 2Page - AMIC Technology A23L8316V Datasheet HTML 3Page - AMIC Technology A23L8316V Datasheet HTML 4Page - AMIC Technology A23L8316V Datasheet HTML 5Page - AMIC Technology A23L8316V Datasheet HTML 6Page - AMIC Technology A23L8316V Datasheet HTML 7Page - AMIC Technology A23L8316V Datasheet HTML 8Page - AMIC Technology A23L8316V Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
A23L8316/A23L83161 Series
Preliminary
512K X 16 / 1M X 8 BIT CMOS MASK ROM
PRELIMINARY
(July, 2004, Version 0.0)
1
AMIC Technology, Corp.
Features
256K x 16 bit or 512K x 8 bit organization
Supply voltage range: 2.7V~3.6V
Access time: 70ns (max.)/3.0V~3.6V
100ns (max.)/2.7V~3.6V
Current: Operating: 20mA (typ.)/3.3V
Standby:
10
µA (typ.)/3.3V
Three-state outputs for wired-OR expansion
Full static operation
All inputs and outputs are directly TTL-compatible
Flash
memory
pinout
compatible
with
AMD
(A23L83161)
Available in 40-pin SOP, 32-pin PLCC 48-pin TSOP
(forward, reverse type and flash memory’s pinouts
compatible) packages
Pin Configurations
SOP
PLCC
A17
A7
A6
A5
A4
A3
A2
A1
CE
OE
O0
O14
O8
O7
O15/A-1
GND
BYTE
A15
A14
A12
A11
A10
A9
A8
A13
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
A0
GND
O1
O9
O2
O10
17
18
19
20
A16
O6
O13
O5
O12
24
23
22
21
O3
O11
O4
VCC
TSOP (forward type)
A23L8316V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A16
A15
A14
A13
A12
A11
A10
A8
NC
GND
NC
NC
A17
A7
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
O10
O3
O11
NC
VCC
VCC
O4
O12
O5
O13
O6
O14
O7
O15/A-1
GND
GND
BYTE
A9
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
O2
O9
O1
O8
O0
OE
GND
GND
A6
A5
A4
A3
A2
A1
A0
CE
A23L8308
A6
A10
A9
A5
A4
A3
A2
A1
A0
O0
O7
A8
A13
A14
5
6
7
8
9
10
11
12
13
21
22
23
24
25
26
27
28
29
OE
CE
A11
A7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com