Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A23L8316M Datasheet(PDF) 5 Page - AMIC Technology

Part # A23L8316M
Description  256K X 16 / 512K X 8 BIT CMOS MASK ROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L8316M Datasheet(HTML) 5 Page - AMIC Technology

  A23L8316M Datasheet HTML 1Page - AMIC Technology A23L8316M Datasheet HTML 2Page - AMIC Technology A23L8316M Datasheet HTML 3Page - AMIC Technology A23L8316M Datasheet HTML 4Page - AMIC Technology A23L8316M Datasheet HTML 5Page - AMIC Technology A23L8316M Datasheet HTML 6Page - AMIC Technology A23L8316M Datasheet HTML 7Page - AMIC Technology A23L8316M Datasheet HTML 8Page - AMIC Technology A23L8316M Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
A23L8316/A23L83161 Series
PRELIMINARY
(July, 2004, Version 0.0)
4
AMIC Technology, Corp.
Pin Descriptions
Pin No.
32L PLCC
(A23L8316)
40L SOP
(A23L8316)
48L TSOP
(A23L8316)
48L TSOP
(A23L83161)
Symbol
Description
1-12,
23, 25-30
1-9,
32-40
2-10,
15-23
1-8,
17-25, 48
A0-A17
Address Inputs
13-15,
17-21
13-20,
22-28
28-35,
39-45
29-36,
38-44
O0-O14
Data Outputs
-
29
46
45
O15/A-1
Output 15(WORD mode)
/LSB Address (BYTE mode)
22
10
24
26
CE
Chip Enable Input
24
12
27
28
OE
Output Enable Input
-
31
1
47
BYTE
BYTE or WORD mode Selection
32
21
37-38
37
VCC
Power Supply
16
11, 30
12, 25-26,
47-48
27, 46
GND
Ground
31
-
11, 13-14, 36
9-16
NC
No Connection
Recommended DC Operating Conditions
(TA = 0
°C to + 70°C)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
2.7
3.6
V
GND
Ground
0
0
V
VIH
Input High Voltage
2.2
VCC+0.3
V
VIL
Input Low Voltage
- 0.3
0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com